PART |
Description |
Maker |
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
HM62V16100LBPI-4 HM62V16100LBPI-4SL HM62V16100LBPI |
Wide Temperature Range Version 宽温版本 Wide Temperature Range Version 16 M SRAM (1-Mword × 16-bit) Wide Temperature Range Version 16 M SRAM (1-Mword 隆驴 16-bit)
|
Hitachi,Ltd. Renesas Electronics Corporation
|
T3441N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
T901N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
PI6C2309-1WI PI6C2309-1HW PI6C2309-1HLI PI6C2309-1 |
High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 85°C High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 6C SERIES, PLL BASED CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8 0.173 INCH, TSSOP-8 High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C 九分布式输出时钟驱动 Nine Distributed-Output Clock Driver 九分布式输出时钟驱动 16-Bit Byte Wide, Low Glitch Multiplying DAC with 4-Quadrant Resistors; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 九分布式输出时钟驱动
|
Pericom Semiconductor, Corp. Bourns, Inc.
|
EDD10323BBH-5BLS-F EDD10323BBH-6ELS-F EDD10323BBH- |
1G bits DDR Mobile RAM WTR (Wide Temperature Range), Low Power Function 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
Elpida Memory
|
R1LV1616H-I R1LV1616HSA-4LI R1LV1616HSA-5SI |
Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM - Mword6 2 - Mword位) Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM1 - Mword16 2 - Mword位)
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
KP1H330KC KP1H330KR KP1H330KS KP1H330KT KP1H330LC |
CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
|
DB Lectro Inc
|
R1RW0416DSB-2PI R1RW0416DGE-2PI R1RW0416DI |
Memory>Fast SRAM>Asynchronous SRAM Wide Temperature Range Version 4M High Speed SRAM (256-kword 】 16-bit) Wide Temperature Range Version 4M High Speed SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|
EDS6416AHTA-TI EDS6416AHTA-75TI-E |
64M BITS SDRAM WTR (WIDE TEMPERATURE RANGE)
|
Elpida Memory
|
EDS2516APTA-TI-E EDS2516APTA-75TI-E |
256M bits SDRAM WTR (Wide Temperature Range)
|
Elpida Memory, Inc.
|
D1301SH |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|