PART |
Description |
Maker |
102-050 |
Perm-O-Pads - TO-5, TO-18 and T-1 3/32 (5mm) LED Mounts
|
Bivar, Inc.
|
MASW-011036-001SMB MASW-011036-14130G MASW-011036- |
Ka-Band High Power Terminated SPDT PIN Switch Die with G-S-G RF Pads and DC Bias Pads
|
M/A-COM Technology Solu...
|
MIMH3 |
5 x 7 Ceramic SMD 4 Pads Oscillator
|
MMD Components
|
HBK221KBBQC0KR HAK821KBABRAKR HBK821KBBTCRKR HAK82 |
Cap Ceramic 220pF 2000V K1500 10% Radial 7.5mm 85C Bulk Cap Ceramic 820pF 1000V K1500 10% Radial 5mm 85C T/R HBK 2KV 820PF 110% K1500 E3 CAP,CERAMIC,820PF,1KVDC,10% -TOL,10% TOL Cap Ceramic 470pF 1000V K1500 10% Radial 5mm 85C Bulk CAPACITOR, CERAMIC, 3000 V, K1500, 0.001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 3000 V, K1500, 0.0001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,2.2NF,1KVDC,10% -TOL,10% TOL Cap Ceramic 0.0015uF 2000V K1500 20% Radial 7.5mm 85C Bulk
|
Vishay Draloric
|
TXXNC1 TXXNA1 TXXGB1 TXXGA1 TXXBE1 TXXBB1 TXXFC1 T |
3.2mm X 2.5mm SMD
|
MMD Components http://
|
08-50-0030 |
2.5mm KK Crp Term Chn il W/Ct Ear 2.2mm
|
MOLEX INC
|
SML-LXR85USBC-TR |
0.5mm x 3.2mm PCB, RIGHT ANGLE SURFACE MOUNT LED
|
LUMEX INC.
|
S820K33SL0P6. S820J33SL0P6. S102K33Y5PP6 S222K43Y5 |
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose CAPACITOR, CERAMIC, 2000 V, X7R, 0.0001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, X7R, 0.00015 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 2000 V, X7R, 0.00033 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP 820PF 1000VDC Y5P 10% 7.5 X 4.5MM RDL 5MM - Bulk S 3KV 100PF 10% X5F REEL E3 - Tape and Reel Cap Ceramic 820pF 1000V Y5P 10% (7.5 X 4mm) Radial 5mm 85C Bulk Cap Ceramic 0.0022uF 3000V Y5P 10% (15 X 4mm) Radial 7.5mm 85°C Bulk S 1KV 1NF 10% Y5P REEL E3 - Tape and Reel Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
|
Vishay Siliconix Vishay BCcomponents
|
4363D1-5 |
Solid State LED Lamps-Tri-Color 2mm x 5mm
|
Visual Communications C...
|
SML-LXR85AC-TR |
0.5mm x 3.2mm PCB. RIGHT ANGLE SURFACE MOUNT LED, 605nm AMBER
|
LUMEX INC.
|
HBZ102KBBCRAKR HBZ101MBBCRAKR HBZ102KBBCD0KR HAZ68 |
CAP,CERAMIC,1NF,2KVDC,10% -TOL,10% TOL CAP,CERAMIC,100PF,2KVDC,20% -TOL,20% TOL CAP,CERAMIC,68PF,1KVDC,20% -TOL,20% TOL CAP,CERAMIC,150PF,1KVDC,10% -TOL,10% TOL CAPACITOR, CERAMIC, 1000 V, K2000, 0.000068 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,150PF,1KVDC,20% -TOL,20% TOL Cap Ceramic 0.01uF 2000V K10000 -20% to 50% (13 X 3mm) Radial 7.5mm 85C Bulk CAP,CERAMIC,220PF,1KVDC,10% -TOL,10% TOL CAP,CERAMIC,100PF,8KVDC,10% -TOL,10% TOL CAP,CERAMIC,100PF,8KVDC,20% -TOL,20% TOL Cap Ceramic 0.0022uF 2000V K6000 20% (9 X 3mm) Radial 7.5mm 85C Bulk CAPACITOR, CERAMIC, 2000 V, 0.0022 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAPACITOR, CERAMIC, 1000 V, 0.00022 uF, THROUGH HOLE MOUNT, RADIAL LEADED CAPACITOR, CERAMIC, 1000 V, 0.00068 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,680PF,1KVDC,10% -TOL,10% TOL CAPACITOR, CERAMIC, 1000 V, 0.000068 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,1NF,1KVDC,10% -TOL,10% TOL CAPACITOR, CERAMIC, 1000 V, 0.001 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,10NF,2KVDC,20% -TOL,50% TOL Cap Ceramic 0.001uF 3000V K2000 10% (11 X 4mm) Radial 10mm 85C Bulk Cap Ceramic 0.001uF 3000V K2000 20% (11 X 4mm) Radial 10mm 85C Bulk CAPACITOR, CERAMIC, 3000 V, 0.00015 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,CERAMIC,1.5NF,2KVDC,20% -TOL,20% TOL
|
Vishay Draloric
|
FX11LB-060P/06-SV71 FX11LB-080P/08-SV71 FX11LB-100 |
0.5mm Pitch Connectors with Ground Plate for 2mm to 3mm Board-to-Board Connections
|
Hirose Electric
|
|