PART |
Description |
Maker |
MBRD360T4 MBRD360G MBRD360 MBRD360RLG MBRD340G MBR |
SWITCHMODE Power Rectifiers 3A 60V Schottky Rectifier 3A 30V Schottky Rectifier 3A 50V Schottky Rectifier 3A 40V Schottky Rectifier 3A 20V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
MBR20200CT MBR20200CT_D ON0413 |
SWITCHMODE??Power Dual Schottky Rectifier SWITCHMODEPower Dual Schottky Rectifier 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE Power Dual Schottky Rectifier SCHOTTKY BARRIER RECTIFIER From old datasheet system SWITCHMODE⑩ Power Dual Schottky Rectifier
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MBR0530T1 MBR0530T3 MBR0530LT1 ON0406 06F9814 MBR0 |
From old datasheet system SURFACE MOUNT SCHOTTKY POWER RECTIFIER MOSFET N-CH 500V 5A D2-PAK (MBR0530T1 / MBR0530T3) SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS DIODE SCHOTTKY 0.5A
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc.
|
30WQ10F 30WQ09F |
90V 3.3A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER 3.3 Amp 3.3 Amp Schottky Rectifier(3.3 A 肖特基整流器)
|
IRF[International Rectifier]
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
MBR130 MBR130T1 MBR130T3 MBR130T1-D |
Surface Mount Schottky Power Rectifier SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
|
ONSEMI[ON Semiconductor]
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|
CMS03 |
Schottky Barrier Rectifier Trench Schottky Barrier Type Switching Mode Power Supply Applications Portable Equipment Battery Applications TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
|
TOSHIBA[Toshiba Semiconductor]
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
DSSK48-0025B |
Power Schottky Rectifier with common cathode 25 A, 25 V, SILICON, RECTIFIER DIODE, TO-220AB PLASTIC PACKAGE-3 Silicon Schottky Diodes
|
IXYS Corporation IXYS, Corp.
|