PART |
Description |
Maker |
EDGE7725 |
900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
|
Semtech Corporation
|
EVM646ATF |
Pin Electronics Driver, Window Comparator, and Switch Matrix
|
Semtech Corporation
|
EVM649APJ EDGE649 E649-EDGE649 |
Octal Pin Electronics Driver / Receiver Octal Pin Electronics Driver/Receiver
|
Semtech Corporation
|
SRD00315X SRD00314A SRD00314 SRD00314G SRD00314X S |
Ternary PIN Photodiode with Blocking Filter for 3rd Window 三元PIN光电二极管与第三窗口拦截 Ternary PIN Photodiode with Blocking Filter for 3 rd Window From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
V6310 |
Ultra Low Power 3-Pin Voltage Window Surveillance with Time-out
|
ETC[ETC]
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX9979KCTKB4N |
Dual 1.1Gbps Pin Electronics with Integrated PMU and Level-Setting DACs
|
MAXIM - Dallas Semiconductor
|
ISL55164 |
SOC Dual Channel 133MHz Pin Electronics Solution 3.75ns Minimum Pulse Width
|
Intersil Corporation
|
1-1813099-1 |
1.5/2.5/4.0mm Pin Diameter Connector System; 2.5mm SOCKET HSG ASSEMBLY(BLACK 4 POS) ( Tyco Electronics )
|
Tyco Electronics
|
PS7122A-2A PS7122A-1A PS7122AL-1A PS7122AL-1A-E4 P |
OCMOS FET High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package; A IR2308 packaged in a 8-Lead SOIC Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead SOIC 1200V Half Bridge Driver IC for Power Switching Applications in a 24 Lead SSOP package; A IR2214 packaged in a Lead-Free 24 Lead SSOP FET-OUTPUT OPTOCOUPLER Single High Side Driver, Current Limiting, Programmable Shutdown Error Pin in a 8-pin DIP package; A IR2125 packaged in a Lead-Free 16-Lead SOIC shipped on Tape and Reel Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead PDIP OCMOS场效应管 Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 光纤耦合场效应晶体管光电耦合器(简称MOS场效应管输出光光隔离器
|
NEC, Corp.
|
EL7158 EL7158ISZ-T13 EL7158IS-T13 EL7158IS EL7158I |
Ultra-High Current Pin Driver 12 A HALF BRIDGE BASED PRPHL DRVR, PDSO8 Pin Driver, Tr-State, 12A Pk Ultra-High Current, 40Mhz Clock, R(on) 0.5 Ohms
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|