PART |
Description |
Maker |
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
1N6840 1N6841 |
35 and 45 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER Schottky Rectifier
|
Microsemi Corporation
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|
72CPQ030 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 70 Amp 30V 70A Schottky Common Cathode Diode in a TO-247AC package
|
IRF[International Rectifier]
|
CMSH2-20-1 CMSH2-40 CMSH2-100 CMSH2-60 CMSH2-20 |
SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 2 A, 100 V, SILICON, RECTIFIER DIODE SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS 肖特基整.0安培0100伏特
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
SS210 SS210-TP SS22-TP SS25-TP SS28-TP |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 2 Amp Schottky Rectifier 20 to 100 Volts 2 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
MBR2045CT-1 MBRB2045CT MBR2045CT B2045CT |
20 Amp Schottky Rectifier(20 A ????烘?娴??) 20 Amp Schottky Rectifier(20 A 肖特基整流器)
|
International Rectifier
|
95SQ015 95SQ015TR |
15V 9A Schottky Discrete Diode in a DO-204AR package SCHOTTKY RECTIFIER 9 Amp
|
IRF[International Rectifier]
|
30WQ03F 30WQ04F |
3.3 Amp Schottky Rectifier(3.3 A 肖特基整流器) 30V 3.3A Schottky Discrete Diode in a D-Pak package
|
International Rectifier
|
80CPT015 |
15V 80A Schottky Discrete Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|
80CPQ150 |
150V 80A Schottky Common Cathode Diode in a TO-247AC package SCHOTTKY RECTIFIER 80 Amp
|
IRF[International Rectifier]
|