PART |
Description |
Maker |
WGA-3686-3M-W75-79 WGA-3645-NF-W90-79 WGA-3625-SM- |
CABLE AND WAVEGUIDE TERMINATED, FEMALE, WAVEGUIDE TO COAXIAL ADAPTER CABLE AND WAVEGUIDE TERMINATED, MALE, WAVEGUIDE TO COAXIAL ADAPTER
|
|
22WECA2.4 51WECAK 42WECAK 34WECAK 28WECAK 430WECAN |
Waveguide to Coaxial Adapter
|
American Accurate Components, Inc. American Accurate Component... American Accurate Compo...
|
PIC16C620-20I_P PIC16C622A-20I/SS PIC16C622A-20I/S |
CENTRONICS PARALLEL CBLS 36 PIN M - 36 PIN M 存储器为基础位CMOS微控制器 Thin non-lighted SPST, red button, "o -" 存储器为基础位CMOS微控制器 Subminiature PCB fuse, solderable into PCBs or fuseholder; Voltage Rating: 125V; Current Rating: 0.1A; Characteristic: Fast Acting 存储器为基础位CMOS微控制器 EPROM-Based 8-Bit CMOS Microcontroller 存储器为基础位CMOS微控制器 存储器为基础CMOS微控制器 SUR ABSORBER 14MM 390V 4500A ZNR NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75 CAP 0.27UF 50V 10% NP0(C0G) SMD-1825 BULK TIN/LEAD/ALLOY S-MIL-PRF-55681 Mini non-lighted SPDT, 2pos, unprinted CONNECTOR ACCESSORY RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Jack RoHS Compliant: Yes SMD BRIDGE RECTIFIER Small Signal Transistor General Purpose, NPN AMPL/SWITCH NPN Silicon Small Signal Transistor; General Purpose; Package: TO-18; Collector Emitter Voltage, VCEO: 40V; Continuous Collector Current, IC: 800mA; Emitter-Base Voltage, VEBO: 6.0V; DC Current Gain Min (hfe): 75 Coaxial Inter Series Adaptor; Convert From:N Jack; Convert To:SMA Plug RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Adapter, Plug-Plug RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Straight Bulkhead Adapter, Jack-Jack RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:SMB Plug RoHS Compliant: Yes
|
Microchip Technology, Inc. Microchip Technology Inc.
|
19019-0052 19019-0037 19019-0057 19019-0049 19019- |
.250X.032 FEM.QD AVIKRIMP (P-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK./REEL (PZ-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEM.QD AVIKRIMP (P-8139-032) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190190054 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.020 FEM.QD AVIK. TAPED (BB-8138T) 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD AVIKRIMP (BB-8191-032 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .187 FEMALE INSUL 14-16AWG 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK. TAPED (C-8143T)
|
Molex, Inc. MOLEX INC
|
MDR200A50 MDR200A40 MDR200A30 MDF200A50 MDF200A40 |
BNC (M) TO F (F) ADAPTER BNC (F) TO TNC (M) ADAPTER RF/Coaxial Connector; RF Coax Type:QMA; Contact Termination:Press-Fit; Impedance:50ohm; Body Style:Straight Jack; Body Material:Brass; Body Plating:White Bronze Over Nickel; Connector Mounting:PC Board RoHS Compliant: Yes DIODE MODULE From old datasheet system DIODE(NON-ISOLATED TYPE) Diode with flat mounting base which is designed for use in various rectifier applications, 200A, 500V
|
SANREX[SanRex Corporation]
|
TRU-11928 |
CONNECTOR, COAXIAL 1-5/8 EIA(f) to SQS(f) ADAPTER
|
Winchester Electronics ...
|
MT4C4M4A1TG-6S MT4C4M4B1TG-6S MT4LC4M4B1TG-6S MT4C |
RF Coaxial Connector Adapter; Convert From:UHF Plug; Convert To:Mini-UHF Jack RoHS Compliant: Yes 内存 DRAM 内存
|
Micron Technology, Inc. http://
|
ADC6SADANMMRJ05 ADC-ADC6SADUMRCAY09 ADC6SADUMBNC02 |
FIBER OPTIC ADAPTER RF STRAIGHT ADAPTER CIRCULAR ADAPTER
|
ADC
|
TRU-11881 |
CONNECTOR, COAXIAL 13-30(m) to 13-30(m) ADAPTER
|
Winchester Electronics ...
|
TRU-11883 |
CONNECTOR, COAXIAL 13-30(f) to 7-16(f) ADAPTER
|
Winchester Electronics ...
|
FGA272-638G FGA303-638G FGAX600-638G FGA304-638G F |
272 POS 1.27MM BGA ADAPTER BGA272, IC SOCKET 303 POS 1.27MM BGA ADAPTER BGA303, IC SOCKET 600 POS 1.27MM BGA EXTRACTION ADAPTER BGA600, IC SOCKET 304 POS 1.27MM BGA ADAPTER BGA304, IC SOCKET 168 POS 1.27MM BGA EXTRACTION ADAPTER BGA168, IC SOCKET 304 POS 1.27MM BGA EXTRACTION ADAPTER 255 POS 1.27MM BGA EXTRACTION ADAPTER 357 POS 1.27MM BGA ADAPTER 560 POS 1.27MM BGA ADAPTER
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|