PART |
Description |
Maker |
ATF1504ASV-15 ATF1504ASVL |
Low-voltage, Complex Programmable Logic Device 64 Macrocells with ISP, standard power, 3.3V 64 Macrocells with ISP, low power, 3.3V
|
Atmel
|
IDD08273 |
Usable bandwidth 5 MHz each Rx And Tx. band
|
Integrated Technology F...
|
IDD08169 |
Usable bandwidth 18 MHz Rx. And 5MHz Tx. band
|
Integrated Technology F...
|
M4-128/64-18VI M4-128/64-18YI M4-128N/64-18JI M4LV |
High Performance E 2 CMOS In-System Programmable Logic High-performance E2CMOS in-system programmable logic, 3.3V Vcc, 128 macrocells, 64 I/Os, 14ns High-performance E2CMOS in-system programmable logic, 5V Vcc, 128 macrocells, 64 I/Os, 14ns High-performance E2CMOS in-system programmable logic, 3.3V Vcc, 192 macrocells, 96 I/Os, 14ns High-performance E2CMOS in-system programmable logic, 5V Vcc, 256 macrocells, 128 I/Os, 14ns High-performance E2CMOS in-system programmable logic, 3.3V Vcc, 256 macrocells, 128 I/Os, 14ns
|
Lattice Semiconductor
|
SLG46117V |
Highly Versatile Macrocells
|
Dialog Semiconductor
|
BC204VI BC214K BC213K BC173C BC153 BC209C BC209B B |
IC FLEX 6000 FPGA 10K 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:66; Package/Case:100-TQFP; Leaded Process Compatible:No; Number of Circuits:576 FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:4992; Peak Stratix II FPGA 180K FBGA-1020 Cyclone FPGA 6K FBGA-256 IC APEX 20KE FPGA 400K Cyclone FPGA 3K TQFP-144 晶体管|晶体管|叩| 20V的五(巴西)总裁| 100mA的一(c)|06
|
Electronic Theatre Controls, Inc.
|
EP224LC7A EP220LI-12 |
High-performance, low-power erasable programmable logic devices with 8 macrocells, 7ns High-performance, low-power erasable programmable logic devices with 8 macrocells, 12ns
|
Altera Corporation
|
QL4090-1PQ208M/883 QL4090-0CG456M/883 QL4090-1PQ24 |
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM 9.0万门QuickRAM可用PLD的结合性能,密度和嵌入式内
|
Electronic Theatre Controls, Inc.
|
QL3025-0PQ208M QL3025-2PQ208M QL3012 QL3012-0PL84M |
60,000 usable PLD gate pASIC3 FPGA combining high performance and high density. 40,000 usable PLD gate pASIC3 FPGA combining high performance and high density. 25,000 usable PLD gate pASIC3 FPGA combining high performance and high density. pASIC3 FPGA Combining High Performance and High Density(高性能和高密度相结合的pASIC3现场可编程门阵列)
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] QuickLogic Corp.
|