PART |
Description |
Maker |
CM1214A-01SO CM1214A-02MR |
1- and 2-Channel PicoGuard AC Signal ESD Protector
|
ON Semiconductor
|
CM1233 CM1233-08DE |
PicoGuard XS垄莽 ESD Clamp Array For High Speed Data Line Protection PicoGuard XS? ESD Clamp Array For High Speed Data Line Protection
|
ON Semiconductor
|
CM1234-08DE |
PicoGuard XSTM ESD Clamp Array For High Speed Data Line Protection
|
California Micro Devices Corp
|
CM1233 CM1233-08DE |
PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection
|
California Micro Devices Corp
|
MAX3008EBP-T MAX3003EBP-T MAX3003ETP MAX3003EUP MA |
SPECIALTY INTERFACE CIRCUIT, QCC20 1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 卤15kV ESD-Protected, 0.1渭A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 隆戮15kV ESD-Protected, 0.1楼矛A, 35Mbps, 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
MAX13202EALT MAX13204EALT MAX13208EALB MAX13206EAL |
2-/4-/6-/8-Channel ±30kV ESD Protectors in µDFN UNIDIRECTIONAL, 12 ELEMENT, SILICON, TVS DIODE 2-/4-/6-/8-Channel ±30kV ESD Protectors in µDFN UNIDIRECTIONAL, SILICON, TVS DIODE 2-/4-/6-/8-Channel, 【30kV ESD Protectors in レDFN 2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc.
|
CPDQR5V0C-HF |
Halogen Free ESD Diodes, V-C=15V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDF3V3UP-HF |
Halogen Free ESD Diodes, V-C=5.5V, V-ESD=15kV SMD ESD Protection Diode
|
Comchip Technology
|
MAX3202E MAX3202EEB MAX3202EET MAX3203 MAX3203EEB |
Low-Capacitance 2/3/4/6-Channel 15kV ESD Protection Arrays for High-Speed Data Interfaces "Six-channel, 5pF, ?5kV ESD Protection Diodes" "Quad, 5pF, ?5kV ESD Protection Diodes" "Dual, 5pF, ?5kV ESD Protection Diodes" Low-Capacitance / 2/3/4/6-Channel / 15kV ESD Protection Arrays for High-Speed Data Interfaces Low-Capacitance, 2/3/4/6-Channel, ±15kV ESD-Protection Arrays for High-Speed Data Interfaces
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
RF1K49221 FN4314 |
2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFETPower MOSFET 2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET⑩ Power MOSFET From old datasheet system 2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET?Power MOSFET 2.5A, 60V, 0.130 Ohm, ESD Rated, Dual N-Channel LittleFET Power MOSFET 2.5A/ 60V/ 0.130 Ohm/ ESD Rated/ Dual N-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
RFP8P06LE RFD8P06LESM RFD8P06LE FN4273 |
8A/ 60V/ 0.300 Ohm/ ESD Rated/ Logic Level/ P-Channel Power MOSFET From old datasheet system 8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET 8A, 60V, 0.300 Ohm, ESD Rated, P-Channel Power MOSFET(8A, 60V, 0.300Ω,额定静电释放P沟道功率MOS场效应管)
|
INTERSIL[Intersil Corporation]
|