PART |
Description |
Maker |
BA782S-GS08 |
PIN SWIT 35V 2PIN SOD-323 - Tape and Reel
|
Vishay Semiconductors
|
STH6NA80FI 2998 STW6NA80 |
N-CHANNEL MOSFET N - CHANNEL 800V - 1.8 - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR From old datasheet system N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SI4850EY SI4850EY-E3 SI4850EY-T1 SI4850EY-T1-E3 |
N-Channel Reduced Qg, Fast-Switching MOSFET N沟道Qg,快速开关MOSFET N-Channel Reduced Qg, Fast Switching MOSFET N沟道减少Qg和,快速开关MOSFET N-Channel Reduced Qg/ Fast Switching MOSFET
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
AP6906GH-HF AP6906GH-HF-14 |
16.4 A, 60 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT, SDPAK-5 Simple Drive Requirement, Fast Switching Performance
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electron...
|
1N4933G2 1N4935 1N4935G-T 1N4936G-T 1N4933G-T 1N49 |
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
STY30NA50 |
N-CHANNEL Power MOSFET N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STGW39NC60VD07 STGW39NC60VD |
N-channel 40A - 600V - TO-247 Very fast switching PowerMESH IGBT N-channel 40A - 600V - TO-247 Very fast switching PowerMESH⑩ IGBT
|
STMicroelectronics
|
SI7840DP SI7840DP-E3 |
11 A, 30 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel 30-V (D-S) Fast Switching MOSFET
|
Vishay Siliconix
|