PART |
Description |
Maker |
D1023UK D1023 |
METAL GATE RF SILICON FET Gold Metallised Multi-Purpose Silicon DMOS RF FET(60W-28V-175MHz,Single Ended)(镀金多用DMOS射频硅场效应60W-28V-500MHz,单端) 金镀金属多功能硅的DMOS射频场效应管0 28V 175MHz时,单端)(镀金多用的DMOS射频硅场效应管(60 28V的,500MHz的单端式))
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Microsemi, Corp.
|
2N7002BKV |
60 V, 340 mA dual N-channel Trench MOSFET 340 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
NXP Semiconductors N.V.
|
TA0797A |
SAW Filter 340 MHz SMD 5.0隆驴5.0mm SAW Filter 340 MHz SMD 5.0×5.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
D1027UK |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(150W-28V-175MHz,Push-Pull)(镀金多用DMOS射频硅场效应150W-28V-175MHz,推挽) METAL GATE RF SILICON FET
|
TT electronics Semelab Limited Semelab(Magnatec) Seme LAB
|
D1028UK D1028 |
Gold Metallised Multi-Purpose Silicon DMOS RF FET(300W-28V-175MHz,Push-Pull)(镀金多用DMOS射频硅场效应300W-28V-175MHz,推挽) METAL GATE RF SILICON FET
|
Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
TA1002A |
SAW Filter 340 MHz
|
TAI-SAW TECHNOLOGY CO., LTD.
|
0809LD60P |
Compant High-Insulation Power Relay, Polarized, 10A 60瓦,28V的,1 GHz的LDMOS的场效应 60 Watt / 28V / 1 Ghz LDMOS FET 60 WATT, 28V, 1 GHz LDMOS FET
|
Electronic Theatre Controls, Inc. GHZ Technology ETC[ETC] List of Unclassifed Manufacturers
|
NCV8843PWR2G NCV8843PWG NCV8843MNR2G NCV8843 |
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
|
ONSEMI[ON Semiconductor]
|
D2001UK |
METAL GATE RF SILICON FET Gold Metallised Multi-Purpose Silicon DMOS RF FET(2.5W-28V-1GHz,Single Ended)(???澶??DMOS灏??纭?????绠?2.5W-28V-1GHz,???寮?)
|
SemeLAB SEME-LAB[Seme LAB]
|
ZMV831ATA ZMV831BTA ZV831 ZV831BV2TA ZMV832ATA ZMV |
SILICON 28V HYPERABRUPT VARACTOR DIODES SILICON ION-IMPLANTED HYPERABRUPT TUNER DIODES 47 pF, 25 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE SILICON 28V HYPERABRUPT VARACTOR DIODES 8VHYPERABRUPT变容二极 25 Volt hyperabrupt varactor diode SHELL, DSUB, 25, 90, BLK, POY, S (1011898) SILICON 28V HYPERABRUPT VARACTOR DIODES 8.2 pF, 25 V, SILICON, VARIABLE CAPACITANCE DIODE SILICON 28V HYPERABRUPT VARACTOR DIODES 8.2 pF, 25 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE SILICON 28V HYPERABRUPT VARACTOR DIODES UHF BAND, 47 pF, 25 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE BACKSHL, D-SUB, 9POS, MTL, NIPL, (914794) 22 pF, 25 V, SILICON, HYPERABRUPT VARIABLE CAPACITANCE DIODE 28 V, silicon hyperabrupt varactor diode SILICON ION-IMPLANTED HYPERABRUPT TUNER DIODES
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
KB15CKG01B05A KB15CKG01B05BB KB15CKG01B12A KB15CKG |
0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V) 0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
|
Nihon Kaiheiki Industry Co. Ltd. Nihon Kaiheiki Industry...
|