PART |
Description |
Maker |
SG1825CL_883 SG2825C SG3825C SG1825CJ SG1825CL_DES |
SWITCHING CONTROLLER, CDIP16 HIGH-SPEED CURRENT-MODE PWM
|
Microsemi Corporation
|
HA17384HPS HA17384HRP HA17384SPS HA17384SRP |
High Speed Current Mode PWM Control IC for Switching Power Supply
|
Renesas Electronics Corporation
|
EM78P156EHAS EM78P156EHM EM78P156EHP EM78P156EHKM |
8-bit microprocessor with low-power and high-speed CMOS technology High-Performance, Single-Ended, Current-Mode PWM Controllers
|
ELAN Microelctronics Corp .
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
PAL20L8-10PC PAL20L8-10DC PAL20L8-10JC PAL20L8-102 |
CAP 0.1UF 100V 10% X7R RAD.20 .30X.30 BULK M-MIL-PRF-39014 STANDOFF Current Mode PWM Controller 16-SOIC -40 to 85 Current Mode PWM Controller 16-CDIP -40 to 85 Current Mode PWM Controller 20-PLCC -40 to 85 24-Pin TTL Programmable Array Logic 24引脚的TTL可编程阵列逻辑 24-Pin TTL Programmable Array Logic OT PLD, 10 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
CS5126XD8 CS5126XDR8 CS5124XD8 CS5126 CS5124XDR8 C |
High Performance, Integrated Current Mode PWM Controllers 高性能,集成电流模式PWM控制 High Performance/ Integrated Current Mode PWM Controllers
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LX1736 |
VREF @ 800mV, 900mA, 1.0MHZ PWM a Current Mode PWM Buck regulator that switches to PFM mode under light loads
|
MICROSEMI[Microsemi Corporation]
|
NCP1253ASN65T1G NCP1253BSN100T1G NCP1253BSN65T1G N |
Current-Mode PWM Controller for Off-line Power Supplies Current-Mode PWM Current-Mode PWM Power Supplies
|
ON Semiconductor
|
CS2844-D CS2844LN8 CS2844LD14 CS2844LDR14 |
Current Mode PWM Control Circuit Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 A SWITCHING CONTROLLER, PDIP8
|
ON Semiconductor
|
UC3844G-D08-T UC3844G-S08-R UC3844G-S08-T UC3845G- |
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
|
Unisonic Technologies
|
HV9123NG-G |
High-Voltage, Current-Mode PWM Controller
|
Supertex, Inc
|