PART |
Description |
Maker |
STS2DNF30L0705 STS2DNF30L |
Dual N-channel 30V - 0.09Ω - 3A SO-8 STripFET Power MOSFET Dual N-channel 30V - 0.09ヘ - 3A SO-8 STripFET⑩ Power MOSFET
|
STMicroelectronics
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDD6680AS FDD6680AS08 |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench垄莽 SyncFET垄芒 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
FDS8962C |
30V Dual N & P-Channel PowerTrench MOSFET Dual N & P-Channel Power Trench
|
Fairchild Semiconductor Corporation
|
FDMC8200S |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET 30 V, 10 mΩ, 20 mΩ
|
Fairchild Semiconductor
|
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
IRF7303 IRF7303TR |
Generation V Technology 30V Dual N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
|
International Rectifier http://
|
HUF76132S3S HUF76132P3 FN4553 76132P |
75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs(75A, 30V, 0.011 Ω,N沟道,逻辑电平,UltraFET功率MOS场效应管) Dual, Precision JFET High Speed Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 75A 30V 0.011 Ohm N-Channel Logic Level UltraFET Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRF9953 IRF9953TR |
-30V Dual P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V/ Rds(on)=0.25ohm)
|
International Rectifier
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|