PART |
Description |
Maker |
V3020TP8B V3020SO8A V3020SO8B V3020XTP8B V3020 V30 |
Ultra Low Power 1-Bit 32 kHz RTC
|
EM Microelectronic - MA... EMMICRO[EM Microelectronic - MARIN SA]
|
MAX6380 MAX6380R33-T MAX6380R34-T MAX6380R35-T MAX |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 2.4V Ultra-low-power voltage detector, 2.8V Ultra-low-power voltage detector, 3.4V Ultra-low-power voltage detector, 3.3V Ultra-low-power voltage detector, 4.2V 3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 2-W Stereo Audio Power Amplifier with DirectPath(TM) Headphone and Regulator 32-QFN -40 to 85 50-mW Ultra Low-Voltage Stereo Headphone Audio Amplifier 8-MSOP -40 to 85 3-Pin Ultra-Low-Power SC70/SOT23 Voltage Detectors " 3-Pin, Ultra- Low-Power, SC70 Voltage Detector" "3-Pin, Ultra- Low-Power, SC70 Voltage Detector" 3-Pin / Ultra-Low-Power SC70/SOT23 Voltage Detectors Ultra-low-power voltage detector, 4.1V Ultra-low-power voltage detector, 3.9V Ultra-low-power voltage detector, 3.6V Ultra-low-power voltage detector, 3.7V Ultra-low-power voltage detector, 2.2V Ultra-low-power voltage detector, 3.0V Ultra-low-power voltage detector, 4.6V
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor Maxim Integrated Produc...
|
STM32L151VBH6A STM32L152VBH6A STM32L151R8H6ATR STM |
Ultra-low-power ARM Cortex-M3 MCU with 128 Kbytes Flash, 32 MHz CPU, USB Ultra-low-power Cortex-M3 MCU with 128 Kbytes Flash, RTC, LCD, USB Ultra-low-power ARM Cortex-M3 MCU with 64 Kbytes Flash, 32 MHz CPU, USB Ultra-low-power ARM Cortex-M3 MCU with 32 Kbytes Flash, 32 MHz CPU, USB
|
ST Microelectronics
|
ST7FSCR1E4M1 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
|
ST Microelectronics
|
ISL12022MIBZ-T ISL12022M10 ISL12022M ISL12022MIBZ |
Low Power RTC with Battery Backed SRAM,Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM,Integrated 隆戮5ppm Temperature Compensation and Auto Daylight Saving
|
Intersil Corporation
|
ISL1209 |
Low Power RTC with Battery Backed SRAM and Event Detection
|
Intersil
|
ISL12023 ISL12023IVZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 卤5ppm with Auto Daylight Saving Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
|
Intersil Corporation
|
ISL12032IVZ |
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
|
Intersil Corporation
|
ISL12032 |
Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
|
Intersil
|
HA3-5142-5 HA7-5142-2 HA-5142 FN2909 |
Op Amp, Dual 400kHz, Ultra-Low Power, Unity Gain Dual, 400kHz, Ultra-Low Power Operational Amplifier Dual/ 400kHz/ Ultra-Low Power Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|
V3022 V3022SO28A V3022SO28B |
Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
|
EM Microelectronic - MARIN SA
|
GLT6100L08LL-55TC GLT6100L08LL-70TC GLT6100L08LL-8 |
55ns; Ultra low power 64K x 16 CMOS SRAM 70ns; Ultra low power 64K x 16 CMOS SRAM 85ns; Ultra low power 64K x 16 CMOS SRAM 100ns; Ultra low power 64K x 16 CMOS SRAM
|
G-LINK Technology
|