PART |
Description |
Maker |
AP7335A-50SN-7 |
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes
|
AP7331 AP7331-28WG-7 AP7331-15SNG-7 AP7331-25SNG-7 |
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
Diodes Incorporated
|
AP7333 AP7333-33SRG-7 AP7333-12SRG-7 AP7333-33SAG- |
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes Incorporated
|
LTC3103EDD |
1.8μA Quiescent Current, 15V, 300mA Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
MIC5239-3.0BM MIC5239-3.0BMM MIC5239-3.0BS MIC5239 |
Low Quiescent Current 500mA 渭Cap LDO Regulator Low Quiescent Current 500mA μCap LDO Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8
|
Micrel Semiconductor MICREL INC
|
NX8570SC803-BA NX8570SC997-BA NX8570 NX8570SC303-B |
DIODE ZENER SINGLE 500mW 43Vz 5mA-Izt 0.02 0.05uA-Ir 33 SOD-123 3K/REEL Single Output LDO, 100mA, Fixed(1.8V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 100mA, Fixed(1.2V), Low Quiescent Current, Over Current Limitation 5-SOT-23 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Dual-Output Low-Dropout (LDO) Voltage Regulators 28-HTSSOP 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Automotive Catalog Ultralow-Power 100-mA Low-Dropout Linear Regulator 5-SOT-23 -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CONVERTER DC-DC 10W 12V/15V SGL 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 CURRENT LIMITER INRSH 10 OHM 20% 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/SLP Series, 38799 Group, 4-ch 14-bit PWM, 2-ch 16-bit TPU, 16-bit AEC, RTC FP-100U; Vcc= 1.8 to 3.6 volts, Temp= -20 to 75 C; Package: PLQP0100KB-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Indicator Lamp; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 H8/Tiny Series, 36024 Group, WDTO TNP-48; Vcc= 3.0 to 5.5 volts, Temp= -20 to 75 C; Package: PVQN0048KA-A 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR 1 550 nm的连续光源InGaAsP多量子阱激光器激光二极管模块波长显示 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTCE 4C 4#20 PIN PLUG TVS BI-DIR 27V 1500W DO-201 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:39; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:20-39 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 100mA, Fixed(2.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 MICRO HDW M2 RoHS Compliant: No Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CABLE 18/4 STR BC CMR GRY PTSE 15C 1#16,14#20 PIN PLUG RoHS Compliant: No Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PTSE 18C 18#20 PIN RECP Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Automotive Catalog Fast Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 Automotive Catalog Dual-Output Low-Dropout Voltage Regulators 28-HTSSOP -40 to 125 CONVERTER DC-DC 10W 24V/12V SGL CONVERTER DC-DC 10W 12V/5V SGL Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Quiescent Current, Over Current Limitation 5-SOT-23 Single Output LDO, 1.0A, Fixed(3.0V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(5.0V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 CONNECTOR ACCESSORY Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. 线性稳 http:// CEL[California Eastern Labs]
|
MIC5232-1.2YD5 MIC5232-1.2YML MIC523208 MIC5232-3. |
10mA Ultra-Low Quiescent Current 渭Cap LDO 10mA Ultra-Low Quiescent Current μCap LDO
|
Micrel Semiconductor
|
MC35080 MC35080AU MC35080U MC35081AU MC35085 MC340 |
HIGH SLEW RATE, WIDE BANDWIDTH, JEFT INPUT OPERATIONAL AMPLIFIERS (MC35080 - MC35085) High Performance JFET Input Operational Amplifiers Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SOT-23 -40 to 125 Low Quiescent Current, Programmable-Delay Supervisory Circuit 6-SON -40 to 125
|
MOTOROLA[Motorola, Inc] Motorola, Inc.
|
MAX4917BELTT MAX4914BELTT MAX4917AEUKT MAX4917BEUK |
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
MIC5238-1.1YD5 MIC523809 MIC5238-1.3YD5 MIC5238-1. |
Ultra-Low Quiescent Current, 150mA 渭Cap LDO Regulator Ultra-Low Quiescent Current, 150mA μCap LDO Regulator Ultra-Low Quiescent Current, 150mA μCap LDO Regulator
|
Micrel Semiconductor
|
LD39050PU33R LD39050PVR |
500 mA low quiescent current and low noise voltage regulator
|
ST Microelectronics
|
|