PART |
Description |
Maker |
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
AM49DL320BGT851 AM49DL320BGT85IS AM49DL320BGT85IT |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
S29CD016G0MFFA202 S29CD016G0MFAA212 S29CD016G0JFAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位12k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位512k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80
|
Spansion Inc. Spansion, Inc.
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
AM42DL640AG25IT AM42DL640AG45IT AM42DL640AG70IT |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存6兆位米16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM49DL320BGB701T AM49DL320BGT701T AM49DL320BGT701S |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位个M × 8 2米x 16位).0伏的CMOS只,同时 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位4个M × 8 2米x 16位).0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc. Spansion Inc. ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
28LV011RPFB-25 28LV011RPFE-25 28LV011RT1FE-25 28LV |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM PN Series Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.54"; External Width:6.3"; External Depth:9.45"; Enclosure Color:Gray 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32
|
Maxwell Technologies, Inc
|
AM29DL320GT90PCI AM29DL320GT90WDFN AM29DL320GT50WD |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA64 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位个M × 8 2x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|