PART |
Description |
Maker |
MGB19N35CL MGP19N35CL |
Ignition IGBT 19 Amps, 350 Volts(19A50V钳位电压,点火绝缘栅双极型晶体管(D2PAK封装 点火IGBT一十九安培50伏特,(9A50V钳位电压,点火绝缘栅双极型晶体管(采用D2PAK封装)) Ignition IGBT 19 Amps, 350 Volts(19A350V钳位电压,点火绝缘栅双极型晶体管(TO-220封装 19 A, 380 V, N-CHANNEL IGBT, TO-220AB Ignition IGBT 19 Amps, 350 Volts(19A锛?50V?充??靛?锛?????缂????????浣??锛?O-220灏??锛?
|
ON Semiconductor
|
T7300135 T7300145 T7300155 T7300235 T7300245 T7300 |
Phase Control SCR (350-550 Amperes Avg 100-2200 Volts) 第一阶段控制晶闸管(350-550安培平均100-2200伏特
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
NX3008NBKW NX3008NBKW-15 |
30 V, 350 mA N-channel Trench MOSFET
|
NXP Semiconductors
|
FQD7N10L FQD7N10LTF |
N-Channel QFET MOSFET 100 V, 5.8 A, 350 m
|
Fairchild Semiconductor
|
NGB8206ANT4G NGB8206NT4G NGB8206ANSL3G NGB8206N11 |
Ignition IGBT 20 A, 350 V, N.Channel D2PAK
|
ON Semiconductor
|
AD7811 AD7811YN AD7811YR AD7811YRU AD7812 AD7812YN |
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs 2.7 V to 5.5 V 350 kSPS 10-Bit 4-/8-Channel Sampling ADCs
|
AD[Analog Devices]
|
AD7811YR |
2.7 V to 5.5 V/ 350 kSPS/ 10-Bit 4-/8-Channel Sampling ADCs
|
Analog Devices
|
FDC8602 |
Dual N-Channel PowerTrench? MOSFET 100 V, 1.2 A, 350 mΩ 100V Dual N-Channel PowerTrenchMOSFET
|
Fairchild Semiconductor
|
ISL9V3036D3ST ISL9V3036S3ST |
EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT 21 A, 350 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MGP19N35CL-D |
Ignition IGBT 19 Amps, 350 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
M57721L 57721L |
350-400MHz 12.5V /7W /FM PORTABLE RADIO 350-400MHz 12.5V,7W,FM PORTABLE RADIO 350-400MHZ, 12.5V, 7W, FM MOBILE RADIO From old datasheet system
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FT18_TG FT18 FT18_HG FT18_IG FT18_SG FT18/SG FT18/ |
Frame Transfer CCD Image Sensor GIGABASE 350 CAT5E PATCH 10 FT, NON BOOT, PURPLE GIGABASE 350 CAT5E PATCH 5 FT, NON BOOT, PURPLE GIGABASE 350 CAT5E PATCH 15 FT, NON BOOT, PURPLE GIGABASE 350 CAT5E PATCH 4 FT, NON BOOT, PURPLE
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|