PART |
Description |
Maker |
LM385-2.5 LM285-2.5 LM385BZ-2. LM185-2.5 LM185-2.5 |
LOW POWER/ BANDGAP VOLTAGE REFERENCES From old datasheet system Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, MBCY2 Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3
|
TelCom Semiconductor LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
FAN4041 FAN4041DITL FAN4041CIS3 |
Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Precision Micropower Shunt Voltage Reference
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
ZXRE1004FF ZXRE1004FN8 ZXRE1004FR ZXRE1004 ZXRE100 |
Micropower 1.22 V voltage reference SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE IC-SM 1.22V PRECISION REFERENCE 集成电路1.22V的高精度参 IC REF VOLT 1.22V 20MA 1% 8-SOIC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
ZRT062_03 ZRT062 ZRT062GA1 ZRT062GC1 ZRT062GC2 ZRT |
6.2V LOW POWER PRECISION REFERENCE SOURCE Trimmable Voltage Reference
|
ZETEX[Zetex Semiconductors]
|
ICL8069CCZQ |
Low-Voltage Reference 1.23 V, SILICON, VOLTAGE REFERENCE DIODE
|
Maxim Integrated Products, Inc.
|
MAX675 MAX675CPA MAX675CSA MAX675CTV MAX675EJA MAX |
30V N-Channel PowerTrench MOSFET 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 5V Precision Voltage Reference Precision, 5V Voltage Reference, Replaced MAX673
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADR318ARJ-REEL7 ADR318 ADR318ARJ-R2 ADR318ARJ-REEL |
1.8 V Precision Voltage Reference Precision Low Drift SOT-23 Voltage Reference with Shutdown
|
AD[Analog Devices]
|
LT1236 LT1236-10 LT1236-5 LT1236AC LT1236ACN8-10 L |
Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDIP8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NJU7021 NJU7021D NJU7021M NJU7021V NJU7022 NJU7022 |
OP-AMP, 10000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8 4.096-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-TO-92 -40 to 85 LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
1N3156AE3 1N3156E3 JANTX1N3154-1 1N3156A-1 1N3157A |
8.4 Volt Temperature Compensated Zener Reference Diodes 0TC Reference Voltage Zener; Package: DO-7; Power (W): 0.5; ZZT (Ohms): 15; IR (µA): 10; Tol (%): 5; 8.4 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AA
|
Microsemi Corporation Microsemi, Corp.
|