PART |
Description |
Maker |
215200 215025 217040 217040P 215800 215400 215250 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
0275020.MRT1L 0275030.MRT1L 0275030.MXL 0275030.VX |
275 Series, PICO , Very Fast-Acting Fuse VERY FAST BLOW ELECTRIC FUSE, 30A, 32VAC, 32VDC, 100A (IR), THROUGH HOLE
|
Littelfuse
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
0034.1506 0034.1507 0034.1508 0034.1509 0034.1510 |
FAST BLOW ELECTRIC FUSE, 0.032A, 250VAC, 35A (IR), INLINE/HOLDER Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
|
Schurter Inc.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
C1Q1.25 |
Surface Mount Very Fast-Acting Chip Fuse VERY FAST BLOW ELECTRIC FUSE, 1.25A, 125VAC, 63VDC, 100A (IR), SURFACE MOUNT
|
Bel Fuse, Inc.
|
0263005.WRT1- 0263005.WRT1L 0263005.MXL 0263005.WA |
263 Series, PICO? II 250 Volt, Very Fast-Acting Fuse Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
|
Littelfuse
|
235250P 235100P 235300P 235800P 235001P 235002P 23 |
5 x 20 mm Fast-Acting Fuse
|
LITTELFUSE[Littelfuse]
|
0ADAC1600-BE 0ADAC6000-BE 0ADAP1600-RE 0ADAP1000-R |
FAST ACTING FUSE SERIES
|
Bel Fuse Inc.
|
GMT-1-1-3A GMT-1-13A GMT-1-1-2A GMT-1-12A |
Fast-Acting Indicating Telecom Fuse
|
Cooper Bussmann, Inc.
|