PART |
Description |
Maker |
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL81483 ISL81487 |
1/8 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver, With Rx/Tx Enables and Low Power SHDN 1/8 Unit Load, Half Duplex, 5V, Low Power, High Speed, RS-485/RS-422 Transceiver, With Rx/Tx Enables
|
Intersil
|
ADM3075EARZ ADM3075EARZ-REEL7 ADM3070E ADM3070EARZ |
3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
MAX22501E |
100Mbps Half-Duplex RS-485/RS-422 Transceivers for Long Cables
|
Maxim Integrated Produc...
|
ADM3071E ADM3070EYRZ-REEL7 ADM3072E ADM3073EARZ AD |
3.3 V, 【15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
AD[Analog Devices]
|
ADM3491ARUZ ADM348311 ADM3483-11 |
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ISL4485E |
RS-485/RS-422 Transceivers, 20Mbps, ESD Protected to 5kV, Half Duplex, 5V, With Rx/Tx Enables
|
Intersil
|
OTS-1V2ATR1DTR1ETR |
Optiva Standard, 1 Composite Video, 2 Duplex Analog Audio,1 Duplex RS-232/422/485 and 1 Duplex 10/100 Mbps Ethernet
|
Opticomm Corporation
|
OTS-1VTR2DTR |
Optiva Standard, 1 Duplex Composite Video and 2 Duplex RS-232/422/485 Data
|
Opticomm Corporation
|
16C2850 XR16C2850CJ XR16C2850CM XR16C2850IJ XR16C2 |
DUAL UART WITH 128-byte FIFO’s AND RS-485 HALF DUPLEX CONTROL CENTRONICS PARALLEL CBLS 36 PIN M - 36 PIN M 双UART28字节FIFO的和RS - 485半双工控 DUAL UART WITH 128-byte FIFOs AND RS-485 HALF DUPLEX CONTROL
|
Exar, Corp. Exar Corporation
|
ISL3156EIBZ ISL3152EIPZ ISL3152EIBZ ISL3152EIUZ IS |
5V Full Duplex, 1Mbps Slew Rate Limited, IEC61000 ESD Protected with 2.4V Vod RS-485/RS-422 Transceiver ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL8488E ISL8491E ISL8489EIB ISL8489EIB-T ISL8489E |
15kV ESD Protected, 5V, Low Power, High Speed, Full Duplex, RS-485/RS-422 Transceivers -15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 5V, Low Power,
High Speed and Slew Rate Limited, Full
Duplex, RS-485/RS-422 Transceivers
|
INTERSIL[Intersil Corporation]
|
|