PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
ICL7665 ICL7665S ICL7665SACBA ICL7665SACPA ICL7665 |
CMOS Micropower Over/Under Voltage Detector 微处理器电压监测器,带有双路过压/欠压检 Low-Power High-Performance Impact<TM> PAL<R> Circuits 28-PLCC 0 to 75 Low-Power High-Performance Impact<TM> PAL<R> Circuits 24-PDIP 0 to 75
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
5962D9567002VCA 5962D9567002VCC 5962D9567002VGA HS |
Low Power, High Performance Radiation Hardened Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, CDIP14 CAP 47UF 4V 25V TANT SMD-7343-43 TR-7 LOWESR-100 CONNECTOR ACCESSORY Low Power/ High Performance Radiation Hardened Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
ATF22V10 ATF22V10B ATF22V10B-10JC ATF22V10B-10JI A |
High- Performance EE PLD FLASH PLD, 25 ns, PDSO24 High- Performance EE PLD FLASH PLD, 25 ns, PDIP24 Single Supply, Dual SPST Switch FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDIP24 High- Performance EE PLD FLASH PLD, 15 ns, PQCC28 High- Performance EE PLD FLASH PLD, 10 ns, CQCC28 High- Performance EE PLD FLASH PLD, 15 ns, CDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDIP24 High- Performance EE PLD FLASH PLD, 7.5 ns, PDSO24 High- Performance EE PLD FLASH PLD, 10 ns, PDSO24 3.3V, 1 Output, LVTTL to LVPECL Clock Converter CAP 470PF 16V 5% X7R SMD-0603 TR-7 PLATED-NI/SN High-performance EE PLD
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation] http://
|
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 |
Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM. Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM. Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
|
Atmel
|
SA625 SA625DK |
High performance low power mixer FM IF system with high-speed RSSI
|
PHILIPS[Philips Semiconductors]
|
V53C104 V53C104P-12 V53C104Z-70 V53C104Z-70L V53C1 |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM High Performance / Low Power 256k x 4 Bit / Fast Page Mode CMOS DRAM
|
MOSEL[Mosel Vitelic, Corp]
|
SA604AD01 |
High performance low power FM IF system
|
NXP Semiconductors
|
AU1100 |
High Performance / Low Power MIPS
|
AMD
|
ATTINY2313A-14 |
High Performance, Low Power AVR
|
ATMEL Corporation
|
C8051F912-GU C8051F901-GU C8051F901-GM |
Ultra-Low Power, High-Performance MCU
|
Silicon Laboratories
|
ATUC128L3U14 |
High-performance, Low-power 32-bit Atmel
|
ATMEL Corporation
|
|