PART |
Description |
Maker |
ADM811 ADM811-3TART-REEL ADM811-3TART-RL7 ADM811LA |
Microprocessors Supervisory Circuit in 4-Lead SOT-143 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 Linear 1-cell Li-Ion Battery Charger w/Integrated FET, One LED 20-HTSSOP 0 to 70 PRECISION THERM Micorprocessor Supervisory Circuit in 4-Pin SOT143 Microprocessors Supervisory Circuit in 4-Lead SOT-143, Logic High RESET Output
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADM1232A ADM1232AAN ADM1232AARM ADM1232AARN ADM123 |
Microprocessor Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8 Microprocessor Supervisory Circuit 微处理器监控电路
|
Analog Devices, Inc. AD[Analog Devices]
|
ASM161SEUS ASM161_162_V1.0 ASM162TEUS_T ASM161 ASM |
3.08 V, mP supervisor circuit 4.00 V, mP supervisor circuit 2.93 V, mP supervisor circuit uP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 From old datasheet system CPU Supervisors with POR, Edge Triggered MR 4.63 V, mP supervisor circuit 4.38 V, mP supervisor circuit
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AAT3528ICX-4.63-200-T1 AAT3526 AAT3526ICX-2.32-200 |
MicroPower Supervisory Circuit with Manual Reset MicroPower垄芒 Supervisory Circuit with Manual Reset MicroPower⑩ Supervisory Circuit with Manual Reset
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
ADM6710AARJZ-REEL7 ADM6710HARJZ-REEL7 ADM6710CARJZ |
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit 低电压,高精度,四路电压监控电路
|
Analog Devices, Inc. Infineon Technologies AG
|
SP6341 SP6339 SP6339EK1-L-Z-J-C |
Triple μPower Supervisory Circuit with Manual Reset and Watchdog Triple レPower Supervisory Circuit with Manual Reset and Watchdog
|
SIPEX[Sipex Corporation]
|
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX823 MAX823EUK MAX825 MAX825EUK MAX824 MAX824EUK |
Microprocessor supervisory circuit. Reset threshold 2.93V. Active-low reset. Active-high reset. Watchdog input. 5-Pin Microprocessor Supervisory Circuits 8-Bit Parallel-Out Serial Shift Registers 14-CFP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MCP130T-485HI MCP130T-485GI MCP120 MCP130T-315DI M |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 The MCP130 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP120 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP130 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP120 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d (MCP120 / MCP130) Microcontroller Supervisory Circuit with Open Drain Output CAP 120UF 450V ELECT TS-HB Microcontroller Supervisory Circuit with Open Drain Output 微控制器监控电路的开漏输 Microcontroller Supervisory Circuit with Open Drain Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
ILC705 ILC705M ILC708N ILC705N ILC706 ILC706M ILC7 |
MP SUPERVISORY CIRCUIT
|
IMPALA[Impala Linear Corporation]
|
PT7M6315US48D3 PT7M6315US40D4 PT7M6315US40D3 PT7M6 |
Supervisory Circuit
|
Pericom Semiconductor C...
|