PART |
Description |
Maker |
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HIGH SPEED MEDIUM POWER / NPN SWITCHING TRANSISTOR
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
MCA104 |
Multi-Chip Array Two NPN and Two PNP High Speed / Medium Power Switching Transistors MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
Semelab PLC SEME-LAB[Seme LAB]
|
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
2N2222ADCSM06 |
DUAL HIGH SPEED, MEDIUM POWER
|
Seme LAB
|
BCY72CSM BCY70CSM BCY71CSM |
HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
|
SemeLAB SEME-LAB[Seme LAB]
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
|
http://
|
KSD1616 KSD1616A KSD1616ALBU KSD1616ALTA KSD1616AG |
NPN Epitaxial Silicon Transistor Audio Frequency Power Amplifier & Medium Speed Switching
|
Fairchild Semiconductor http://
|
KSB1116A KSB1116 KSB1116AGBU KSB1116AGTA KSB1116AL |
Audio Frequency Power Amplifier & Medium Speed Switching PNP Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
RM20C1A-XXS RM20DA/CA/C1A-XXS RM20CA-XXS RM20DA-XX |
FAST RECOVERY DIODE MODULES MEDIUM POWER, HIGH FREQUENCY USE INSULATED TYPE Fast Recovery Diode Modules, F Series (for IGBT speed switching) MEDIUM POWER/ HIGH FREQUENCY USE INSULATED TYPE
|
Mitsubishi Electric Corporation
|
2N2369A |
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED TO-18 PACKAGE FOR HIGH RELIABILITY APPLICATIONS
|
Seme LAB
|
NTE100 NTE101 |
Germanium Complementary Transistors Oscillator / Mixer for AM Radio / Medium Speed Switch Germanium Complementary Transistors Oscillator, Mixer for AM Radio, Medium Speed Switch 300 mA, 25 V, NPN, Ge, SMALL SIGNAL TRANSISTOR, TO5
|
NTE[NTE Electronics]
|