PART |
Description |
Maker |
HS-1115RH FN4098 5962F9678501VPA HFA1115IP |
Buffer, Output Limiting, Closed-Loop, 225MHz, 1135V/s, Programmable Gain, Rad-Hard From old datasheet system Radiation Hardened, High Speed, Low Power Output Limiting, Closed-Loop-Buffer Amplifier Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier Radiation Hardened, High Speed, Low Power
Output Limiting, Closed-Loop-Buffer Amplifier(抗辐射高速、低功耗、输出限定的锁相环缓冲放大器)
|
INTERSIL[Intersil Corporation]
|
SY88913 |
1.25Gb/s HIGH-SPEED LIMITING POST AMPLIFIER
|
Micrel Semiconductor
|
SY88903 SY88903KC |
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
|
MICREL[Micrel Semiconductor]
|
SY88923VKG SY88923VKGTR SY88923VKCTR SY88923V SY88 |
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
|
MICREL[Micrel Semiconductor]
|
SY88913V |
5V/3.3V 1.25Gb/s High-Speed Limiting Post Amplifier
|
Micrel Semiconductor
|
SY88923_06 SY88923 SY88923KC SY88923KCTR SY88923KG |
2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
|
MICREL[Micrel Semiconductor]
|
AZ100EP16FETG AZ100EP16FE13 |
PECL/ECL High Speed VCSEL Driver with Variable Output Swing or Limiting Amplifier
|
Arizona Microtek, Inc
|
MAX3754 MAX3754CCM MAX3755CCM MAX3755 MAX3754-MAX3 |
Dual-Rate.1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater Dual-Rate.1Gbps/2Gbps光纤通道四端口的中继器旁 8-Bit Registered LVDM Transceiver 64-TSSOP -40 to 85 From old datasheet system " Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater" Dual-Rate 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater Dual-Rate / 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
HFA1115 HFA1115EVAL HFA1115IB HFA1115IP FN3606 |
Radiation Hardened/ High Speed/ Low Power Output Limiting/ Closed-Loop-Buffer Amplifier From old datasheet system 225MHz/ Low Power/ Output Limiting/ Closed Loop Buffer Amplifier 225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier(225MHz、低功耗、输出限定锁相环缓冲器放大器) Mini-Stripax Plus Replacement Blade; Conductor Size AWG:24-22; Features:Includes top & bottom blades, spring & wire stop; Specially formed stripping blades ensure no damage to the conductor; Easy to install RoHS Compliant: Yes
|
INTERSIL[Intersil Corporation]
|
AMP-15 AMP-76 AMP75 AMP76 AMP77 |
(AMP-xx) Operational Ampl
|
Mini-Circuits
|
MAX3264 MAX3265 MAX3268 MAX3269 MAX3765CUB MAX3264 |
3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers 3.0 V to 5.5 V, 1.25 Gbp/2.5Gbp limiting amplifier
|
MAXIM - Dallas Semiconductor
|