PART |
Description |
Maker |
MCP3021 MCP3021A7T-E_OT MCP3021A0T-E_OT MCP3021A1T |
The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 package, this device provides one, single-ended input with very low power consumption. Based on an advanced C The Microchip Technology Inc. MCP3021 is a successive approximation A/D converter with 10-bit resolution. Available in the SOT-23 ... Low Power 10-Bit A/D Converter With I2C⑩ Interface
|
MICROCHIP[Microchip Technology]
|
HCS301 HCS30111 |
Microchip Technology Inc. is a code hopping encoder designed for secure
|
Microchip Technology
|
24LC22A 24LC22A-I/P 24LC22A-I/SN 24LC22AT-I/SN |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 2K VESA E - EDID SERIAL EEPROM The Microchip Technology Inc. 24LC22A is a 256 x 8-bit dual-mode Electrically Erasable PROM. This device is designed for use in applications requiring storage and serial transmission of configuration and control information. Two modes of o The Microchip Technology Inc. 24LC22A is a 256 x 8-bit dual-mode Electrically Erasable PROM. This device is designed for use in applications ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
PIC18F2685-I/ML PIC18LF2685-I/SO PIC18F2685-I/P PI |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
PIC16C54C PIC16F54 |
This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single-word instructions) FLASH-based 8-bit microcontroller packs Microchip’s powerful PICmicroarchitecture into an 18-pin package. Easily adapted fo
|
Microchip
|
PIC18F44800TI_SOQTP PIC18F44800TE_SOSQTP PIC18F448 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10A / D和纳瓦技 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10位A / D和纳瓦技 DEM9PB
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
A newer device is available. Please consider PIC16F54. This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit ... A newer version of this device is available. Please consider PIC16C55A A newer version of this device is available. Please consider PIC16C56A A newer version of this device is available. Please consider PIC16C57C This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 28-pin package. Easily adapted for aut This powerful(100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchip¡¦s powerful PIC architecture into an 18-pin package. Easily adapted f This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into a 28-pin package. Easily adapted for aut This powerful(100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller ...
|
Microchip
|
PIC16F57 |
This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single-word instructions) FLASH-based 8-bit microcontroller packs Microchip’s powerful PICmicroarchitecture into a 28-pin package. Easily adapted for
|
Microchip
|
PIC18F4585-P PIC18F4585-I |
Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
SIGC25T60SNC |
IGBT Chip in NPT-technology 600V NPT technology 100μm chip short circuit prove
|
Infineon Technologies AG
|
PIC18F4680 PIC18F4585 PIC18LF4680-I301 PIC18LF4680 |
Enhanced Flash Microcontrollers with ECAN? Technology, 10-Bit A/D and nanoWatt Technology Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|