PART |
Description |
Maker |
LTC2263-14 LTC2264CUJ-14 LTC2264CUJ-14PBF LTC2264C |
14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
PI74FCT162543T PI74FCT16543T PI74FCT162H543T PI74F |
Fast CMOS 16-Bit Latched Transceivers Dual 12-Bit, 25Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C Dual 12-Bit, 40Msps Low Power 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C Dual Zero-Drift Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Pericom Semiconductor C... PERICOM[Pericom Semiconductor Corporation]
|
LTC2140-14 LTC2140-12 LTC2141-14 LTC2142-14 LTC557 |
12-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs 2-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 9 X 9 MM, LEAD FREE, PLASTIC, MO-220WNJR-5, QFN-64
|
Linear Technology, Corp.
|
SA1203I |
Dual-channel 12-bit 40Msps 215mW A/D converter
|
意法半导
|
MAX1444 MAX1444EHJ |
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
|
MAXIM[Maxim Integrated Products]
|
LTC2170-14 LTC2171-14 LTM9006-14 LTM9010-14 LTC642 |
14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs 14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
|
Linear Technology
|
AD526 1144 AD883B AD526CD AD526SD AD526B AD526JNZ |
Software Programmable Gain Amplifier 软件可编程增益放大器 Software Programmable Gain Amplifier INSTRUMENTATION AMPLIFIER, 1500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP16 8 channel, 10 Bit, 40MSPS ADC, 1.8V 257-BGA MICROSTAR 0 to 70 10 Bit, 40MSPS ADC, 1.8V, Int/Ext Ref, w/Power-Down 48-TQFP -40 to 85 High Performance/ BiFET Operational Amplifiers From old datasheet system Software Programmable Gain Amplifier
|
Analog Devices, Inc.
|
MAX1161 MAX1161BCWI MAX1161ACPI MAX1161ACWI MAX116 |
10-Bit, 40Msps, TTL-Output ADC Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX1206 MAX1206ETL MAX1207 MAX1208 MAX1209 MAX1211 |
40Msps / 12-Bit ADC 40Msps, 12-Bit ADC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC2204CUK LTC2204CUK-TR LTC2204CUK-TRPBF LTC2204 |
16-Bit, 65Msps/40Msps
|
Linear Technology
|
CXD1170M |
6-bit 40MSPS High Speed D/A Converter
|
SONY
|