PART |
Description |
Maker |
93C56 M9306-RDW3T M9306-RDS3T M9306-RDS6T M9306-RD |
16Kbit / 8Kbit / 4Kbit / 2Kbit / 1Kbit and 256bit 8-bit or 16-bit wide Round Conductor Flat Cable, 3749/100 30 AWG, .025 (0.64) 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbitKbitKbitKbit56 8位或16位全 CONNECTOR ACCESSORY 连接器附 HOT MELT ADHESIVE VO-Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 HOT MELT ADHESIVE Q 5/8X8" 16KbitKbitKbitKbitKbit位或16位宽)MICROWIRE串行EEPROM的访 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 16KbitKbit4KbitKbit1Kbit56 8位或16位全 TRANS PREBIASED NPN 200MW SOT323 16KbitKbitKbitKbitKbit56 8位或16位全 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
|
意法半导 ST Microelectronics STMicroelectronics N.V.
|
BH2219FVM |
8bit 2ch D/A converter
|
ROHM[Rohm]
|
BH2219FVM09 BH2220FVM |
Standard 8bit 2ch-E3ch Type D/A Converters
|
Rohm
|
BR24G04FJ-3AGTE2 BR24G04FVJ-3AGTE2 BR24G04F-3AGTE2 |
I2C BUS 4Kbit(512x8bit) EEPROM
|
ROHM
|
BR93G66F-3BGTE2 BR93G66FJ-3BGTE2 BR93G66FVJ-3B BR9 |
Microwire BUS 4Kbit(256x16bit) EEPROM
|
ROHM
|
BR93L66-W BR93L66F-W BR93L66FJ-W BR93L66FV-W BR93L |
Microwire BUS 4Kbit(256 x 16bit) EEPROM
|
Rohm
|
EP600JM883BX EP600JI EP600DM EP600JC EP600LI EP600 |
4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: -40°C to 85°C; Package: 14-SOIC 4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: 0°C to 70°C; Package: 14-SOIC UV-Erasable/OTP PLD 4kbit EEPROM; Triple Voltage Monitor with Integrated CPU Supervisor; Temperature Range: -40°C to 85°C; Package: 14-SOIC
|
|
M24C08-W |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
|
意法半导
|
M93C06-R M93C06-W M93C66-W M93C46-W M93C76-R |
16KBIT, 8KBIT, 4KBIT, 2KBIT, 1KBIT AND 256BIT (X8/X16) SERIAL MICROWIRE BUS EEPROM
|
ST Microelectronics
|
M9306-RMN6T M93C86-BN3G M93C86-BN3P M93C86-BN3TG M |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE? serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE庐 serial access EEPROM 16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM 16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
STMicroelectronics
|
|