PART |
Description |
Maker |
MCP2120-I MCP2120T-I/SL MCP2120-I/P MCP2120-I/SL |
The MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) optical transceiver The data received from a standard UART is encoded (modulated), and output as elect MCP2120 is a low-cost, high-performance, fully-static infrared encoder/decoder. This device sits between a UART and an infrared (IR) ... IC,ENCODER/DECODER, TELECOMM/DATACOMM,CMOS,SOP,14PIN,PLASTIC
|
Microchip Technology Inc
|
CE-B1476 |
Half Half-size 486 ISA size 486 ISA-bus CPU Card bus CPU Card with 8M on with 8M on-board DRAM/ VGA/LCD and D.O.C. board DRAM/ VGA/LCD and D.O.C. Half Half-size 486 ISA size 486 ISA-bus CPU Card bus CPU Card with 8M on with 8M on-board DRAM, VGA/LCD and D.O.C. board DRAM, VGA/LCD and D.O.C. 一半大小的ISA 486尺寸486 ISA总线CPU卡总线的CPU卡,800万与800万板上内存,显卡/液晶显示板的DRAM和DOC,显液晶显示器和DOC
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AS6C4016 |
256K X 16 BIT SUPER LOW POWER CMOS SRAM Fully static operation
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... Alliance Semiconductor ...
|
MDT10C23 MDT10P23 |
8 Bit Micro Controller Fully CMOS static design, 8-bit data bus,On chip ROM size : 2 K words
|
Micon Design Technology ETC List of Unclassifed Manufacturers
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
ET9000 |
486 WRITE BACK CACHE AT SINGLE CHIP
|
ETC[ETC]
|
MSM486SL MSM486SL16 MSM486SL8 MSM486SL2 |
The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board The low power, low cost 486 CPU MSM486SL integrates all Functions of a standard PC on one board
|
List of Unclassifed Manufacturers ETC[ETC]
|
PAL20V10-7JC PAL20V10-7PC |
ASIC 专用集成电路 ASIC
|
Lattice Semiconductor, Corp.
|
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
ATC18 |
ER 4C 4#4 SKT RECP Embedded ASIC Memory Cell The ATC18 Cell-based ASIC (CBIC) family features a comprehensive library of 0.18-micron standard logic and I/O cells designed to operate with a supply voltage of 1.8V /- 0.15V and memory cells compiled to the precise requirements of the d
|
Atmel Corp. ATMEL Corporation
|
AS6C1616-TFBGA |
Fully static operation
|
Alliance Semiconductor ...
|
VNW50N04 4552 |
??MNIFET?? FULLY AUTOPROTECTED POWER MOSFET ”OMNIFET”: FULLY AUTOPROTECTED POWER MOSFET From old datasheet system OMNIFET: FULLY AUTOPROTECTED POWER MOSFET ”OMNIFET? FULLY AUTOPROTECTED POWER MOSFET
|
??????浣? STMICROELECTRONICS[STMicroelectronics]
|