PART |
Description |
Maker |
UR8HC007-001 UR8HC007-001-FQ |
Input Device and Power Management Companion IC for Jupiter Devices 输入设备和电源管理集成电路伴侣木星设
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
AM27X020 AM27X020-120JC AM27X020-120JI AM27X020-12 |
2 megabit (256K x 8-bit ) CMOS EPROM device 2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-TSSOP -55 to 125 CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-CDIP -55 to 125 CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate 14-PDIP -55 to 125 CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate 14-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PQCC32
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
MCRF202-I/WQ99 MCRF202-I/WB MCRF202-I/WFB MCRF202- |
125 kHz Passive RFID Device with Sensor Input 25 kHz无源RFID器件,传感器输入
|
Microchip Technology, Inc. Microchip Technology Inc.
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BTS730 Q67060-S7007-A2 Q67060-S7007A2 |
PWM Power Unit (The device allows continuous power control for lamps/LEDs or inductive loads.) TRANSISTOR SMD PROFET LESITUNGS MOSFET PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
PKA2432PIL PKA2231CI PKA2231PI PKA2000 PKA2211CI P |
V(in): -0.5 to 36V; 25-40W DC/DC power module 25?40 W DC/DC Power Modules 24 V Input Series 25-40 W DC/DC Power Modules 24 V Input Series 25-40中西区区议会/ DC电源模块24 V输入系列
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
100201SC 100201 100201SCX |
From old datasheet system Low Power 2-Input OR/NOR Gate/Inverter 100K SERIES, 2-INPUT OR/NOR GATE, PDSO8 Low Power 2-Input OR/NOR Gate/Inverter 低功输入或非逆变
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
2SC5935P 2SC5935 2SC5935Q |
Power Device - Power Transistors - General-Purpose power amplification SILICON NPN TRIPLE DIFFUSION PLANAR TYPE
|
Panasonic Semiconductor
|
2SD1474 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB952A 2SB0952 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SB944 2SB0944 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|