PART |
Description |
Maker |
MAX1759 |
Buck/Boost Regulating Charge Pump in ?MAX From old datasheet system
|
Maxim
|
SP6686ER-L SP6686ER-L_TR SP6686ER-L/TR |
400mA Buck/Boost Charge Pump LED Driver
|
Exar Corporation
|
SP6685 SP6685ER-L/TR |
700mA Buck/Boost Charge Pump LED Driver
|
Exar Corporation
|
ZXLD1371 ZXLD1371QESTTC ZXLD1371EST16TC |
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
|
Diodes Incorporated
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
BQ25713 BQ25713RSNR BQ25713RSNT |
<font color=red>[Old version datasheet]</font> I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
|
TI store
|
XL6009 |
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
|
XLSEMI
|
MCP1252T-ADJI/MS |
The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip
|
AAT1107 |
BUCK BOOST & BOOST PWM CONTROLLER
|
Advanced Analog Technology
|
LTC3558EUD-PBF LTC3558EUD-TRPBF |
Linear USB Battery Charger with Buck and Buck-Boost Regulators
|
Linear Technology
|
ISL85402 ISL85402EVAL1Z ISL85402IRZ |
2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
|
Intersil Corporation
|