PART |
Description |
Maker |
LTC3443EDE |
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
|
Linear Technology
|
LT1317 LT1317B LT1317BCMS8 LT1317BCS8 LT1317BIS8 L |
Micropower/ 600kHz PWM DC/DC Converters Micropower, 600kHz PWM DC/DC Converters From old datasheet system
|
LINER[Linear Technology]
|
ELM92271B-N ELM92271B-S ELM92271C-N ELM92271C-S EL |
CMOS 600kHz High output current PWM step-up DC/DC converter
|
ELM Technology Corporation
|
LT1307B LT1307BCMS8 LT1307BCS8 LT1307BIS8 LT1307CM |
From old datasheet system Single Cell Micropower 600kHz PWM DC/DC Converters
|
LINER[Linear Technology]
|
LT1307BCMS8TR LINEARTECHNOLOGYCORP-LT1307IS8TR LT1 |
Single Cell Micropower 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Single Cell Micropower 600kHz PWM DC/DC Converters; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.25 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3441-15 |
High Current Micropower Synchronous Buck-Boost DC/DC Converter
|
Linear Technology
|
MC78LC MC78LC00 MC78LC50NTR MC78LC30HT1 MC78LC30NT |
MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS 微功耗超低静态电流电压调节器 MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS 3 V FIXED POSITIVE LDO REGULATOR, 60 V DROPOUT, PSSO3
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
ISOPAC01 ISOPAC0103 ISOPAC0104 ISOPAC0111 ISOPAC01 |
High Current High density Isolated Silicon Power Rectifier(????靛?600V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存??? High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?纭?????娴??) High-Current Isolated Rectifier Assemblies. 150 V-1000 V. 10 nS - 2 microseconds 大电流隔离整流器大会150 V000五,10纳秒- 2微秒 HIGH CURRENT ISOLATED RECTIFIER ASSEMBLY High Current High density Isolated Silicon Power Rectifier(????靛?1000V锛?ぇ?垫?锛??瀵?害锛??绂诲?锛??????存???
|
International Rectifier, Corp. Semtech Corporation
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|