PART |
Description |
Maker |
74LVT162240 74LVT162240MEA 74LVT162240MTD 74LVTH16 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs 12-Bit Asynchronous Binary Counters 16-TSSOP -40 to 85 Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
74ALVCH16245 74ALVCH16245/D |
Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
|
ON Semiconductor
|
74VCX16240 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with From old datasheet system
|
Fairchild
|
74VCXH16240-D |
Low-Voltage 1.8/2.5/3.3V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
MC74LCX16245-D |
Low-Voltage CMOS 16-Bit Transceiver With 5 V Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74VCXH16373-D 74VCXH16373/D |
16 BIT MCU/DSP 80LD 30 MIPS 132KB FLASH PB FREE, -40C to 85C, 80-TQFP, T/R Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74LCXZ16240 74LCXZ16240MTDX 74LCXZ16240MEAX |
LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 Low Voltage 16-Bit Inverting Buffer/Line Driver
|
FAIRCHILD SEMICONDUCTOR CORP
|
74LVTH162240 74LVT162240 74LVT162240MEAX 74LVT1622 |
Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs Quad 4-Bit Buffer/Driver 1K, 128 x 8, 2.5V SER EE, -40C to 85C, 8-MSOP, T/R 位缓冲器/驱动 1K, 128 X 8, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R
|
Fairchild Semiconductor Ohmite Mfg. Co.
|
5962R9573101VRC 5962R9573101VXC |
Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References Dual 4-Bit Non-Inverting Buffer/Driver 位非反向缓冲驱动
|
Intersil, Corp.
|