PART |
Description |
Maker |
5.0SMLJ43A 5.0SMLJ43CA 5.0SMLJ200A 5.0SMLJ20A |
Transient Voltage Suppressor 11 to 400 Volts 5000 Watt
|
Micro Commercial Compon...
|
5KP33A 5KP6.0A 5KP6.5A 5KP7.0A 5KP75A 5KP48A |
5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts
|
Micro Commercial Components
|
5KP8.0 5KP5.0 5KP6.0CA 5KP6.5CA 5KP7.5CA 5KP7.0CA |
5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
1N6373A ON0017 1N6382 1N6383 1N6384 1N6385 1N6386 |
1500 Watt Peak Power 5 Watt Steady State Zener Transient Voltage Supperssor(双向,峰值功500W,稳W,最大反向电6V齐纳瞬变电压抑制 1500 Watt Peak Power 5 Watt Steady State Zener Transient Voltage Supperssor(双向,峰值功500W,稳W,最大反向电8V齐纳瞬变电压抑制 1500 Watt Peak Power 5 Watt Steady State Zener Transient Voltage Supperssor(双向,峰值功500W,稳W,最大反向电5V齐纳瞬变电压抑制 1500 Watt Peak Power 5 Watt Steady State Zener Transient Voltage Supperssor(双向,峰值功500W,稳W,最大反向电2V齐纳瞬变电压抑制 1500 Watt Peak Power 5 Watt Steady State Zener Transient Voltage Supperssor(双向,峰值功500W,稳W,最大反向电0V齐纳瞬变电压抑制 1500 Watt Peak Power 5 Watt Steady State Zener Transient Voltage Supperssor(双向,峰值功500W,稳W,最大反向电V齐纳瞬变电压抑制 From old datasheet system
|
ON Semiconductor
|
P4KE250A P4KE24 P4KE47 P4KE220A P4KE47A P4KE170C P |
400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 400瓦峰值功率瞬态电压抑制器 12-Bit, 165MSPS SpeedPlus(TM) DAC Scalable Current Outputs between 2mA to 20mA 28-SOIC -40 to 85 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. 400 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 171.00 V. Test current IT = 1 mA.
|
Microsemi Bytes
|
P4KE P4KE9.1CA P4KE56CA P4KE250 P4KE6.8CA P4KE7.5C |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.840伏特400瓦峰值功.0瓦稳态) Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, Power Good (PG) Output 20-HTSSOP -40 to 125 玻璃钝化结瞬态电压抑制器(电 6.840伏特00瓦峰值功.0瓦稳态) GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State) 玻璃钝化结瞬态电压抑制器(电 6.8440伏特00瓦峰值功.0瓦稳态)
|
PanJit International, Inc. Pan Jit International Inc. Pan Jit International I...
|
1.5KE22A 1.5KE33A 1.5KE91A 1.5KE18A 1.5KE68A 1.5KE |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 Watt MosorbE Zener Transient Voltage Transient Voltage 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106B; No. of Contacts:2; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No ; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:24-5 RoHS Compliant: Yes 1500 Watt MosorbTM Zener,Transient Voltage Suppressors(1500W MosorbTM齐纳抗雷TVS))
|
ONSEMI[ON Semiconductor]
|
P6KE200AG P6KE180ARLG ONSEMICONDUCTOR-P6KE180ARLG |
600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors 600 Watt Peak Power Surmetic -40 Transient Voltage Suppressors 600 W Transient Voltage Suppressor 200 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Bulk; Qty per Container: 1000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
1.5KE 1.5KE91CA 1.5KE100A 1.5KE100CA 1.5KE10A 1.5K |
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
|
DBLECTRO[DB Lectro Inc] http://
|
1.5SMC91AT3G 1.5SMC10AT3 1.5SMC11AT3 1.5SMC12AT3 1 |
1500 Watt Peak Power Zener Transient Voltage Suppressors(1500W 峰值功率齐纳抗雷管(TVS)) 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional* 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt SMC Transient Voltage Suppressors 10 V Unidir 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// ONSEMI[ON Semiconductor]
|
5.0SMCJSERIES14 50SMCJ110A 50SMCJ130A 50SMCJ170A 5 |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 5000 Watts
|
Pan Jit International Inc. Pan Jit International I...
|