PART |
Description |
Maker |
MAX1945S MAX1945R |
1MHz.1%. Accurate.6A Internal Switch Step-Down Regulators " 1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators"
|
Maxim Integrated Products, Inc.
|
MAX1960 MAX1961 MAX1962 MAX1960EEP MAX1962EEP |
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining SWITCHING CONTROLLER, 1120 kHz SWITCHING FREQ-MAX, PDSO20
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
PIC18F97J60 |
General Purpose PIC18 J-series Microcontroller providing 10 MIPS performance at 3V with 8MHz interna
|
Microchip Technology, Inc.
|
MAX6776LTT MAX6776XKT MAX6777LTT MAX6776LTAT MAX67 |
Low-Power, 1%-Accurate Battery Monitors in 渭DFN and SC70 Packages Low-Power, 1%-Accurate Battery Monitors in μDFN and SC70 Packages Low-Power, 1%-Accurate Battery Monitor in µDFN and SC70 Packages 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6
|
Maxim Integrated Products, Inc.
|
EVAL-ADT7410EBZ ADT7410 ADT7410TRZ ADT7410TRZ-REEL |
±0.5°C Accurate, 16-Bit Digital I<sup>2</sup>C Temperature Sensor; Package: 8-pin; Temperature Range: -55°C to 150°C 隆戮0.5隆?C Accurate, 16-Bit Digital I2C Temperature Sensor ±0.5°C Accurate, 16-Bit Digital I2C Temperature Sensor
|
ANALOG DEVICES INC
|
24LC04B-/SN 24LC04B-I/SL 24LC04B-I/SM 24LC04B-/SM |
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal 6-/8-/12-Port DS3/E3/STS-1 LIU Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs I2C Serial EEPROM I2C串行EEPROM Extremely Accurate I<sup>2</sup>C-Integrated RTC/TCXO/Crystal I2C串行EEPROM
|
Microchip Technology, Inc. Techspray
|
TMP05 TMP05AKS-500RL7 TMP05AKS-REEL TMP05AKS-REEL7 |
Complete Temperature Monitoring System 【0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
|
AD[Analog Devices]
|
MAX1760 MAX1760H MAX1760HETB MAX1760HEUB |
0.7 to 5.5 V, 0.8 A, low-noise, 1MHz, step-up DC-DC converter 0.8A. Low-Noise. 1MHz. Step-Up DC-DC Converter 0.8A、低噪声MHz、升压型DC-DC转换
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
LT1469ACDF-2-PBF LT1469ACDF-2-TRPBF LT1469AIDF-2-P |
DUAL OP-AMP, 450 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 350 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 600 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp Dual 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp Dual 200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MAX1450 1867 MAX1450CAP MAX1450EAP MAX1450C_D MAX1 |
Tactile Switch; Operating Force Max:160g-cm; Circuitry:SPST; Switch Operation:On-(On); Actuator Style:Flat Plunger; Contact Current Max:50mA; Switch Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:PCB RoHS Compliant: Yes Low-Cost / 1%-Accurate Signal Conditioner for Piezoresistive Sensors From old datasheet system Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
|
模拟信号调理 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm
|
LTC3400B LTC3525-3 LTC3526EDC-2 |
500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN 500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
|
Linear Technology Linear Integrated Syste...
|