PART |
Description |
Maker |
GMS97L1051 GMS97L1051-D GMS97C1051 GMS97C1051-24 G |
ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 12 MHz, 8-bit microcontroller ROM/RAM size:2 Kb/128 bytes,4.25-5.5 V, 24 MHz, 8-bit microcontroller 8-Bit CMOS Microcontorller
|
Hynix Semiconductor N.A.
|
SST30VR021 SST30VR021-500-C-U1 SST30VR021-500-C-WH |
2 Mbit ROM SRAM T1/E1 Transformer 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo SPECIALTY MEMORY CIRCUIT, PDSO32 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo SPECIALTY MEMORY CIRCUIT, UUC 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo 2兆光兆位/ 2Mbit 256千位的SRAM ROM / RAM内存组合
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
SST30VR041 SST30VR041-150-C-U1 SST30VR041-500-C-WH |
4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo 4兆位光盘1兆位/ 256千位的SRAM ROM / RAM内存组合
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
LC5872 LC5874 LC5876 LC5873 |
Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 12 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAM2K位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 6 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 4 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM Single-Chip 4-Bit Microprocessors with LCD Driver,1 Kb RAM, and 8 KB ROM on chip(单片4位微控制器(带LCD驱动器,1K位RAMK位ROM 4-Bit Single-Chip Microcontrollers with LCD Driver, 12KB/8KB/6KB/4KB ROM, 1KB RAM on chip
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
80C550/83C550/87C550 P87C550EBAA P87C550EBPN P80C5 |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer 8-BIT, 8 MHz, MICROCONTROLLER, PQCC44 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ 8 channel 8 bit A/D/ watchdog timer High Output DC/DC Converter, -40C to 85C, 8-PDIP, TUBE
|
NXP Semiconductors N.V. Philips Semiconductors
|
SAF-XC161CJ-16FF SAK-XC161CJ-16FF |
16-Bit Microcontrollers - 128 k Flash, 8K RAM, -40C.... 85C 16-Bit Microcontrollers - 128 k Flash, 8 K RAM, -40C... 125C
|
Infineon
|
SQ3344D-70MHZ P1144-3SD-70MHZ P1145-3SD-70MHZ SQ33 |
20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 85C, 20-SOIC 300mil, T/R 14 pin PIC W/ECCP/PWM, 10 bit A2D, comparator, midrange core, 2K words flash and, -40C to 125C, 14-SOIC 150mil, TUBE 20 Pin, 3.5KB Flash, 128 RAM, 18 I/O, -40C to 125C, 20-QFN, T/R 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SSOP 208mil, T/R FLASH-Based 8-Bit CMOS Microcontroller, -40C to 85C, 20-QFN, T/R 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 125C, 20-SSOP 208mil, T/R 16 Pin, 7KB Std Flash, 256 RAM, 12 I/O, -40C to 85C, 16-QFN, T/R 20 Pin, 7.1 KB Std Flash, 256 RAM, 18 I/O Pb Free, -40C to 125C, 20-PDIP, TUBE 晶体振荡 Crystal Oscillator 晶体振荡 14 pin PIC W/ECCP/PWM, 10 bit A2D, comparator, midrange core, 2K words flash and, -40C to 85C, 14-TSSOP, TUBE 晶体振荡 16 Pin, 7KB Std Flash, 256 RAM, 12 I/O, -40C to 125C, 16-QFN, TUBE 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SOIC 300mil, T/R 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 85C, 20-SOIC 300mil, T/R 晶体振荡 20 Pin, 3.5 KB Std Flash, 128 RAM, 18 I/O Pb Free, -40C to 125C, 20-SOIC 300mil, TUBE 晶体振荡 14 Pin PIC w/USART, 10 Bit A2D, Flash EEPROM and Program Memory Read., -40C to 125C, 14-TSSOP, TUBE 晶体振荡
|
Pletronics STMicroelectronics N.V. Kingbright, Corp. Electronic Theatre Controls, Inc. Linear Technology, Corp. ITT, Corp. TE Connectivity, Ltd. Avago Technologies, Ltd.
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
LC865608A LC865624A |
8-Bit Single Chip Microcontroller with On-Chip 8K-Byte ROM and 512-Byte RAM(8位单片微控制器(带片K字节ROM12字节RAM 8-Bit Single Chip Microcontroller with On-Chip 24K-Byte ROM and 640-Byte RAM(8位单片微控制器(带片24K字节ROM640字节RAM 8位单片机微控制器的片上足金字节ROM640字节的RAM位单片微控制器(带片上ROM的足金字节和640字节的RAM))
|
Sanyo Electric Co.,Ltd. Sanyo Electric Co., Ltd.
|
|