PART |
Description |
Maker |
RTL8201CP RTL8201CP-VD-LF RTL8201CP-LF |
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover) SINGLE-CHIP/SINGLE-PORT0/100M快速以太网PHYCEIVER(自动交叉)
|
Electronic Theatre Controls, Inc.
|
3XL7090RO-L100-O3-P-001 3XL7090RY-L100-D4-14-001 3 |
SINGLE COLOR LED, REDDISH ORANGE SINGLE COLOR LED, ROYAL BLUE SINGLE COLOR LED, GREEN SINGLE COLOR LED, CYAN SINGLE COLOR LED, WHITE SINGLE COLOR LED, BLUE SINGLE COLOR LED, AMBER
|
Cree, Inc. CREE INC
|
BP200-0AG-014V BP200-0CW-024V BP200-0UY-005V BP200 |
T-1 3/4 SINGLE COLOR LED, AQUA GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, WHITE, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER BLUE, 5 mm T-1 3/4 SINGLE COLOR LED, LIME GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, SUPER ORANGE, 5 mm T-1 3/4 SINGLE COLOR LED, ULTRA RED, 5 mm
|
LEDtronics, Inc.
|
PC120TY3K-P PCL120CG5N-SO PCM120CG5N-SO PC120CG5N- |
T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 3 mm T-1 SINGLE COLOR LED, ULTRA GREEN, 3 mm T-1 SINGLE COLOR LED, PURE GREEN, 3 mm T-1 SINGLE COLOR LED, BLUE, 3 mm T-1 SINGLE COLOR LED, ORANGE, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm T-1 SINGLE COLOR LED, AMBER YELLOW, 3 mm
|
LEDtronics, Inc. LEDTRONICS INC
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
QL202YT.C1A0 QL202YT.C1R1 QL202YT.C1A2 QL202YT.C3A |
T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, RED, 3 mm T-1 SINGLE COLOR LED, GREEN, 3 mm T-1 SINGLE COLOR LED, PURE GREEN, 3 mm T-1 SINGLE COLOR LED, SOFT ORANGE, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm
|
QT Optoelectronics
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091 |
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8 Single/Dual/Quad / Micropower / Single-Supply / Rail-to-Rail Op Amps Single/Dual/Quad Micropower Single-Supply Rail-to-Rail Op Amps "Dual, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp" "Single, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp in SOT23" "Quad, Micropower, Single-Supply, Rail-to-Rail I/O Op Amp"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MAX406 MAX406A MAX406B MAX418 MAX407 MAX419 MAX409 |
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps 1.2レA Max, Single/Dual/Quad, Single-Supply Op Amps 1.2A Max, Single/Dual/Quad, Single-Supply Op Amps 1.2ヌA MAX, SINGLE/DUAL/QUAD, SINGLE-SUPPLY OP AMPS 1.2A Max / Single/Dual/Quad / Single-Supply Op Amps 1.2microA max, dual, single-supply op amp.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
|