PART |
Description |
Maker |
600-078 312-078 312-109 312-125 312-156 312-187 40 |
CIRC-O-GIDE, SNAP-IN BUTTON STYLE CARD GUIDE
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
DF005S DF005M DF10S DF01M DF01S DF02M DF02S DF04M |
1000V Bridge in a D-71 package 800V Bridge in a D-71 package 400V Bridge in a D-71 package 200V Bridge in a D-71 package 100V Bridge in a D-71 package 50V Bridge in a D-71 package 600V Bridge in a D-71 package 1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
|
IRF[International Rectifier]
|
KBPC810 KBPC8005 KBPC801 KBPC802 KBPC804 KBPC806 K |
1000V Bridge in a D-72 package 50V Bridge in a D-72 package 100V Bridge in a D-72 package 200V Bridge in a D-72 package 400V Bridge in a D-72 package 600V Bridge in a D-72 package 800V Bridge in a D-72 package
|
International Rectifier
|
14-56-8170 A-70400-3400 |
2.54mm (.100) Pitch SL Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 0.76μm (30μ) Gold (Au), 17 Circ
|
Molex Electronics Ltd.
|
0014563167 |
2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 26, 0.38楼矛m (15楼矛") Gold (Au), 16 Circ
|
Molex Electronics Ltd.
|
0014564131 |
2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 24, 0.76楼矛m (30楼矛") Gold (Au), 13 Circ
|
Molex Electronics Ltd.
|
LWR-1601-6 LWN1740-6M1 LWR1740-6M1 LWN-2660-6 |
IC MPU RESET CIRC HI 3.08V SC-59 RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 398900304 DIODE, RECTIFIER, 200V, 3A
|
Power-One
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
LA6525M |
Four-channel Bridge Driver for Compact Disc Players(用于CD播放器的四桥驱动 Four-channel Bridge Driver for Compact Dise Players
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
LA6565VR |
Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
|
http:// Sanyo Semicon Device
|
2NNPP06G-S08-T 2NNPP06G-S08-R 2NNPP06L-S08-R 2NNPP |
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
|
Unisonic Technologies
|
LA4742 |
45 W Four-Channel (Bridge Circuit) Power Amplifier 45 W Four-Channel Bridge Circuit Power Amplifier Monolithic Linear IC
|
SANYO[Sanyo Semicon Device]
|