PART |
Description |
Maker |
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
TA8259H TA8259 |
Max Power 37 W BTL 4CH Audio Power IC MAX POWER 37 W BTL x 4CH AUDIO POWER IC
|
TOSHIBA[Toshiba Semiconductor]
|
KIA8262H KIA8262 |
BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER)
|
KEC[KEC(Korea Electronics)]
|
TA8276HQ |
Max Power 35 W BTL × 4 ch Audio Power IC Max Power 35 W BTL 】 4 ch Audio Power IC
|
Toshiba Semiconductor
|
TA8272H |
Max Power 43 W BTL 4 ch Audio Power IC Max Power 43 W BTL x 4 ch Audio Power IC
|
TOSHIBA[Toshiba Semiconductor]
|
T8251AH UPG152TA01 |
MAX POWER 300W BTL x 4CH AUDIO POWER IC 最大功00W桥接x 4路音频功率集成电 L, S BAND SPDT GaAs MMIC SWITCH
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor] NEC
|
TA8272H |
Max Power 43 W BTL 4 ch Audio Power IC
|
Toshiba Semiconductor
|
FAN2500_FAN2501 FAN2501S25 FAN2501S28 FAN2500X25 F |
Pch Power MOSFET; ; Package: TPS; R DS On (Ω): (max 0.2) (max 0.12); I_S (A): (max -5) Pch Power MOSFET; Surface Mount Type: N; Package: PW-MINI; R DS On (Ω): (max 0.76) (max 0.45); I_S (A): (max -2) From old datasheet system 100 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
FAN2502 FAN2503S285 FAN2502S27 FAN2502S25 FAN2503S |
150 mA CMOS LDO Regulators Pch Power MOSFET; ; Package: PS-8; Number Of Pins: 8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -5.6) Pch Power MOSFET; Surface Mount Type: Y; Package: SOP-8; Application Scope: mobile; R DS On (Ω): (max 0.03) (max 0.02); I_S (A): (max -10) Pch Power MOSFET; Surface Mount Type: N; Package: VS-6; R DS On (Ω): (max 0.09) (max 0.055) (max 0.035); I_S (A): (max -5.5) Pch Power MOSFET; Surface Mount Type: Y; Package: VS-8; Application Scope: mobile; R DS On (Ω): (max 0.3) (max 0.16) (max 0.11); I_S (A): (max -2.7)
|
Fairchild Semiconductor
|
TA7270P TA7271P TA727OP TOSHIBACORPORATION-TA727OP |
Inductor; Inductor Type:Standard; Inductance:40uH; Series:CMS; DC Resistance Max:0.008ohm; Package/Case:PCB Surface Mount; Core Material:Ferrite; Current, It rms:4.4A; Leaded Process Compatible:Yes; Leakage Inductance:0.34uH RoHS Compliant: Yes 5.8W DUAL AUDIO POWER AMPLIFIER 5.8W DUAL, 19W BTL AUDIO POWER AMPLIFIER From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
HA13117 |
14W BTL Audio Power Amplifier 14W BTL Audio Power Ampillfier
|
Hitachi Semiconductor
|
TDA8563Q TDA8563Q/N2/S10 TDA8563Q/N2/S11 |
TDA8563Q; 2 x 40 W/2 Ohm stereo BTL car radio power amplifier with diagnostic facility 2 X 40 W/2 W stereo BTL car radio
|
Philips
|