PART |
Description |
Maker |
LTC2233UK LTC2232CUK LTC2232IUK LTC2232UK LTC2233C |
10-Bit,105Msps/80Msps ADCs 10-Bit, 80Msps ADCs; Package: QFN; No of Pins: 48; Temperature Range: -40°C to 85°C 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC48 10-Bit,105Msps/ 80Msps ADCs
|
Linear Technology, Corp.
|
CDK2307AITQ64 CDK2307BITQ64 CDK2307CITQ64 CDK23072 |
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
|
Cadeka Microcircuits LLC.
|
LTC2299 |
Dual 14-Bit, 80Msps Low Power 3V ADC
|
Linear Technology
|
LTC2143-14-15 |
14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2289CUPPBF LTC2289IUPTRPBF |
Dual 10-Bit, 80Msps Low Noise 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL, PARALLEL INPUT LOADING, 0.0059 us SETTLING TIME, 10-BIT DAC, PQCC64 Dual 10-Bit, 80Msps Low Noise 3V ADC; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL, PARALLEL INPUT LOADING, 0.0059 us SETTLING TIME, 10-BIT DAC, PQCC64
|
Linear Technology, Corp.
|
LTC2222CUK LTC2223UK LTC2222IUK LTC2222UK LTC2223C |
12-Bit,105Msps/80Msps ADCs
|
Linear Technology
|
LTC2207UK |
16-Bit, 105Msps/80Msps ADCs
|
Linear Technology Corporation
|
LTC2267IUJ-12PBF LTC2267-12-15 |
12-Bit, 105Msps Low Power Dual ADCs, QFN, 40 Pins, Temperature Range: –40°C to 85°C 12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
|
LINEAR TECHNOLOGY CORP
|
MAX1271ACAI-T MAX12528ETKTD MAX19507 MAX1267AEEG-T |
Multirange, 5V, 8-Channel, Serial 12-Bit ADCs 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO28 Dual, 80Msps, 12-Bit, IF/Baseband ADC DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 双通道位130Msps ADC 双通道位130Msps ADC 265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 2x4-Channel, Simultaneous-Sampling, 14-Bit DAS 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC 400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface 8-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Maxim Integrated Products, Inc.
|
LTC1749 LTC1749CFW LTC1749IFW |
12-bit, 80Msps wide bandwidth ADC.
|
Linear Technology
|
LT5517 |
14-Bit 80Msps Low Power 3V ADC
|
Linear Technology
|
LTC2259CUJ-12PBF |
12-Bit, 80Msps Ultralow Power 1.8V ADCs
|
Linear Technology
|
|