PART |
Description |
Maker |
FCB20N60F12 |
600V N-Channe MOSFET 600V, 20A, 190mΩ
|
Fairchild Semiconductor
|
FX6ASH3 FX6ASH2 FX6UMH3 FX6VSH3 FX6SMH3 FX6KMH2 FX |
TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-252AA TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-252AA TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-220AB TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-263AB TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-247VAR TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | SOT-186 TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-263AB TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-220AB TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-247VAR TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | SOT-186 TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 20A I(D) | TO-252AA 晶体管| MOSFET的| P通道| 100V的五(巴西)直| 20A条(丁)|52AA TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 3A I(D) | TO-220AB 晶体管| MOSFET的| P通道| 150伏五(巴西)直| 3A条(丁)| TO - 220AB现有
|
Cooper Bussmann, Inc.
|
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
2SK1547 2SK947 2SK903 |
MOSFET Transistor TRANSISTOR,MOSFET,N-CHANNEL,250V V(BR)DSS,12A I(D),TO-220AB TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,4A I(D),TO-220
|
Fuji Electric Fuji Semiconductors, Inc.
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
SST5460 SST5462 SST5461 2N5462 2N5460 2N5461 |
P-CHANNEL JFETS MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:6.2A; Current, Idm pulse:30A; Power, Pd:1.5W; Resistance, Rds on:0.024R; SMD:1; Charge, gate
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
IRFU214A IRFR214A |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 2.2AI(四)|52AA
|
Intersil, Corp.
|
IRF9Z14STRL IRF9Z14L IRF9Z14STRR |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-262 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 6.7AI(四)|63AB
|
Sumida, Corp.
|
NSFY30509 NSFY30942 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 7A I(D) | TO-257 TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 3A I(D) | TO-257 晶体管| MOSFET的| N沟道| 900V五(巴西)直| 3A条(丁)|57
|
Harwin PLC
|