PART |
Description |
Maker |
ADG408BN ADG409 ADG408 |
4-/8-Channel High Performance Analog Multiplexers(LC2MOS8???楂???芥ā???璺???ㄥ? LC2MOS 4-/8-Channel High Performance Analog Multiplexers LC2MOS 5 V 4 Channel High Performance Analog Multiplexer LC2MOS, 5 V, 8 Channel High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
5962-89629013X |
LC2MOS Complete, 8-Bit Analog I/0 Systems
|
Analog Devices
|
AD7569AN |
-0.3 to 7V; 450mW; LC2MOS complete, 8-bit analog I/O system
|
Analog Devices
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ADG221 ADG222 ADG222BQ ADG222KN ADG222KP ADG222KR |
44V; 30mA; 470mW; LC2MOS quad SPST switch LC MOS QUAD SPST SWITCHES LCMOS Quad SPST Switches LC2MOS ±15 V Quad SPST Switch LC2MOS Quad SPST Switches SUR ABSORBER 7MM 56V 250A ZNR LC2MOS ±15 V Quad SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Commercial LC MOS QUAD SPST SWITHCHES LC-2MOS ±15 V Quad SPST Switch LC2MOS 5 V Quad SPST Switch
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
ADG431BR-REEL ADG431BR-REEL7 ADG433ABR-REEL7 ADG43 |
LC2MOS Precision Quad SPST Switch; Package: SOIC; No of Pins: 16; Temperature Range: Industrial QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 LC2MOS Precision Quad SPST Switches
|
Analog Devices, Inc.
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
ADG411 ADG411BN ADG411BR ADG411BRU ADG411TQ ADG412 |
SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS Precision Quad SPST Switches
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD15700 AD15700_PCB AD15700BCA AD15700/PCB |
1 MSPS 16-/14-BIT ANALOG I/O PORT 1 MSPS 16/14 Bit Analog I/O Port
|
Analog Devices
|