PART |
Description |
Maker |
LTC2297IUPTRPBF |
Dual 14-Bit, 40Msps Low Power 3V ADCs
|
Linear Technology
|
LTC2192CUKGPBF LTC6421-20 LTC2259-14 LTC2190CUKGPB |
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology http://
|
LTC2263-12 LTC2264CUJ-12PBF LTC2264CUJ-12TRPBF LTC |
12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
MAX1196 MAX1196ECM |
Dual 8-Bit / 40Msps / 3V / Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
|
Maxim
|
MAX1195 MAX1198 MAX1195ECM MAX1196 MAX1197 |
From old datasheet system " Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs"
|
MAXIM[Maxim Integrated Products]
|
WM2124 |
DUAL 10-BIT 40MSPS ADC
|
Wolfson
|
WM2125 |
DUAL 10-BIT 40MSPS ADC From old datasheet system
|
Wolfson
|
MAX1444 MAX1444EHJ |
10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
|
MAXIM[Maxim Integrated Products]
|
LTC2170-14 LTC2171-14 LTM9006-14 LTM9010-14 LTC642 |
14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs 14-Bit, 65Msps/40Msps/25Msps Low Power Octal ADCs
|
Linear Technology
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
AD526 1144 AD883B AD526CD AD526SD AD526B AD526JNZ |
Software Programmable Gain Amplifier 软件可编程增益放大器 Software Programmable Gain Amplifier INSTRUMENTATION AMPLIFIER, 1500 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDIP16 8 channel, 10 Bit, 40MSPS ADC, 1.8V 257-BGA MICROSTAR 0 to 70 10 Bit, 40MSPS ADC, 1.8V, Int/Ext Ref, w/Power-Down 48-TQFP -40 to 85 High Performance/ BiFET Operational Amplifiers From old datasheet system Software Programmable Gain Amplifier
|
Analog Devices, Inc.
|
MAX1161 MAX1161BCWI MAX1161ACPI MAX1161ACWI MAX116 |
10-Bit, 40Msps, TTL-Output ADC Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDIP28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|