PART |
Description |
Maker |
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCX162373 74LCX162373GX 74LCX162373MEA 74LCX1623 |
8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26з Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Series Resistor From old datasheet system Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistor Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74ACT841SC 74ACT841 74ACT841SPC 74ACT841MTC 74ACT8 |
From old datasheet system 10-Bit D-Type Latch 8-Bit LVTTL-GTLP Adjustable-Edge-Rate Registered Transceiver with Split LVTTL Port and Feedback Path 48-TVSOP -40 to 85 10-Bit Transparent Latch with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74F373 MSA20 74F373MSA 74F373PC 74F373SC 74F373SJ |
74F373 Octal Transparent Latch with 3-STATE Outputs Octal Transparent Latch with 3-STATE Outputs; Package: SOP; No of Pins: 20; Container: Tape & Reel F/FAST SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH162373 74VCXH162373MTD 74VCXH162373MTX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
HCS373KTR HCS373T HCS373DTR |
Radiation Hardened Octal Transparent Latch, Three-State HC/UH SERIES, 8-BIT DRIVER, TRUE OUTPUT, CDIP20 Radiation Hardened Octal Transparent Latch/ Three-State
|
Intersil, Corp. Intersil Corporation
|
74F843 74F843SPC 74F843SC |
9-Bit Transparent Latch F/FAST SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDIP24 9-Bit Transparent Latch F/FAST SERIES, 9-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
N74F2373N 74F2373 N74F2373D 74F2373_1 |
Octal transparent latch with 30Ωequivalent output termination (3-State)(0Ω等值输出终端电阻的八透明锁存器(三态)) 八路透明锁存30Ωequivalent输出端接态)(带30Ω等值输出终端电阻的八透明锁存器(三态) From old datasheet system Octal transparent latch with 30ohm equivalent output termination 3-State Octal transparent latch with 30 Ohm equivalent output termination (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PI74FCT163373 |
Fast CMOS 3.3V 16-Bit Transparent Latch
|
Pericom Semiconductor Corporation
|
74ACT16373 74ACT16373MEA 74ACT16373MTD |
16-Bit Transparent Latch with 3-STATE Outputs
|
Fairchild Semiconductor
|
PI74FCT373TP |
Fast CMOS 3.3V 8-bit transparent latch
|
Pericom Technology
|