PART |
Description |
Maker |
M62429FP M62429P |
Serial Data Control Dual Electronic Volume
|
RENESAS[Renesas Electronics Corporation]
|
CAT5269YI-50TE13 CAT5269 CAT5269JI-00TE13 CAT5269J |
Dual DPP with 256 Taps and 2-wire Interface 132dB SNR Highest Performance Stereo Audio DAC (H/W Control) 28-SSOP -25 to 85 DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 LEAD-FREE, TSSOP-24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 DPP, NV, Dual 256 taps, I<sup>2</sup>C DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface 双数字可编程电位计(民进党)56丝锥线接
|
CATALYST[Catalyst Semiconductor] ON Semiconductor
|
X9221AYPI X9221AYSZ X9221AYS X9221AYSIZ X9221A X92 |
Dual Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 20-SOIC DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 64 Taps, 2-Wire Serial Bus DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MP7610 |
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
|
Exar Corporation
|
MAX1603 MAX1603EAI MAX159BMJA MAX159BEPA MAX159AEU |
2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin MAX 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin µMAX Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin ?MAX 2.7V Low-Power 2-Channel 108ksps Serial 10-Bit ADCs in 8-Pin ?MAX KPSE 12C 8#20 4#16 PIN RECP 2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX 2.7V、低功耗通道108ksps、串0位ADC引脚µMAX封装 CAP 33UF 100V ELECT TG SMD
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC MAXIM INTEGRATED PRODUCTS INC
|
LT1575CN8-2.8 LT1577CS-ADJ/ADJ LT1575CS8-3.5 LT157 |
Ultrafast Transient Response, Low Dropout Regulators Adjustable and Fixed CAP ELECT 22UF 35V HC SMD 3.3 V FIXED POSITIVE LDO REGULATOR, PDIP8 CAP 3.3UF 50V ELECT VS BI-POLAR 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection CAP ELECT 220UF 35V HC SMD CAP 100UF 10V ELECT TG SMD CAP 220UF 10V ELECT TG SMD Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:19; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No CAP ELECT 47UF 25V HC SMD
|
http:// Linear Technology, Corp. 固定正电压单路输出LDO稳压 Linear Technology Corporation
|
CAT5419YI-00 CAT5419YI-25 ONSEMICONDUCTOR-CAT5419W |
DPP, NV, Dual 64 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 DPP, NV, Dual 64 taps, I<sup>2</sup>C DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
ON Semiconductor
|
X9269TV24IZ-2.7 |
Dual Digitally-Controlled Potentiometers DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Intersil, Corp.
|
M28C17-120K1TR M28C17-120K6TR M28C17-120WK1TR M28C |
CAP 470UF 10V ELECT MZA SMD 16千位2K × 8并行EEPROM,带有软件数据保 From old datasheet system 16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection 16 KBIT (2KB X8) PARALLEL EEPROM WITH SOFTWARE DATA PROTECTION
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
AD5242-EVAL AD5242BR10 AD5242BR100-REEL7 AD5242BRU |
Dual-Channel, I2C® Compatible, 256 Position, Digital Potentiometer Audio digital potentiometers 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 Audio digital potentiometers 1000K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 Audio digital potentiometers DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|