PART |
Description |
Maker |
ZX60-4016E |
Connectorized Amplifier 50Ω, 20 MHz to 4 GHz Connectorized Amplifier 50ヘ, 20 MHz to 4 GHz
|
Mini-Circuits
|
8146 8136 8126 |
CONNECTORIZED ATTENUATOR
|
Micronetics, Inc.
|
DSK-7M2B |
2-WAY POWER DIVIDER CONNECTORIZED MODEL
|
SYNERGY MICROWAVE CORPORATION
|
8167 8168 8166 |
CONNECTORIZED ATTENUATOR WITH DIGITAL CONNECTORS
|
Micronetics, Inc.
|
ZX60-8008E-S ZX60-8008E-S_ ZX60-8008E ZX60-8008E_ |
Connectorized Amplifier 50 Ohm, 20 MHz to 8 GHz
|
MINI[Mini-Circuits]
|
6069 |
SINGLE POLE, SIX THROW CONNECTORIZED SWITCHES
|
Micronetics, Inc.
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
6074 6073 |
SINGLE POLE, TEN THROW CONNECTORIZED SWITCHES
|
Micronetics, Inc.
|
DIN415711 202250 202500 DIN41571_1 201P |
MINIATURE FUSES 5x20mm Surface Mount Fuses Subminiature Surface Mount & Dip Types
|
LITTELFUSE[Littelfuse]
|
MJS1.25-R MJS400-R MJS2-R |
Fuses, RoHS 1.25A 250V SB 5X15 BULK ELECTRIC FUSE, 1.25A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 400mA 250V SB 5X15 BULK Fuses, RoHS 2A 250V SB 5X15 BULK
|
Bel Fuse, Inc. BEL FUSE INC
|
|