PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
V62C2802048LL-70T V62C2802048L-70T V62C2802048LL-8 |
Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:2mm; Sensor Output:PNP, NO; Switch Terminals:Wire Leads; Sensor Housing:Cylindrical RoHS Compliant: Yes
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
CY7C63000A-SC CY7C63100A-SC CY7C63000A-PC CY7C6310 |
SENSOR AMP 100PSI GAU .5-4.5 OUT SENSOR AMP 30PSI DIFF .5-4.5 OUT 8-BIT, OTPROM, 12 MHz, RISC MICROCONTROLLER, PDIP20 Universal Serial Bus Microcontroller 通用串行总线控制 SENSOR BIDIR DIGITAL 3PSI 5 H2O
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
QT110-D QT110-S QT110-IS QT110H-IS QT110H-S |
Charge-transfer touch sensor IC-SMD-QPROX SENSOR IC-QPROX SENSOR
|
Quantum Research Group ltd
|
EMC1201-AGZQ-TR EMC1202-AGZQ-TR |
Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface 双单线温度传感器采用SOT23 - 5运用SMSC BudgetBus传感器接
|
SMSC, Corp.
|
IA3004-CE10A |
Color image sensor head (300dpi) Contact Image Sensor Heads > IA-CE Series Image sensor heads for narrow-width scanners
|
Rohm CO.,LTD. ROHM[Rohm]
|
E9300B E9300A E9300H E9301A E9301B E9301H |
E9300B E-Series Average Power Sensor E9300A E-Series Average Power Sensor E9300H E-Series Average Power Sensor E9301A E-Series Average Power Sensor E9301B E-Series Average Power Sensor E9301H E-Series Average Power Sensor
|
Agilent (Hewlett-Packard)
|
STV-6502V-D01 STV-6502V/F-D01 |
Sensor Daughter Board for VS 6502 CMOS Image Sensor Module
|
ST Microelectronics
|
MK26-1C90E-500W 9265901054 |
MK Reed Sensor PROXIMITY SENSOR-PHOTOELECTRIC, RECTANGULAR, PANEL MOUNT
|
Meder Electronic MEDER ELECTRONIC AG
|
ISL29018IROZ-EVALZ ISL29018 ISL29018IROZ-T7 |
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
|
Intersil Corporation
|
ISL29011IROZ-EVALZ ISL29011 ISL29011IROZ-T7 |
Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
|
Intersil Corporation
|
FPDM12P3401/S35A |
POSITION, LINEAR SENSOR-RETROREFLECTIVE, 5.2-5.2mm, 100mA, RECTANGULAR, BOARD MOUNT THROUGH BEAM SENSOR
|
ITT, Corp.
|