PART |
Description |
Maker |
LTC2378-18 LT6350 LT6231 LT6230 LTC6248 LTC2389-18 |
Rail-to-Rail Output 215MHz, 1.1nV/√Hz Op Amp/SAR ADC Driver
|
Linear Technology
|
LT6231 LT6230-10 LT6232 |
215MHz, Rail-to-Rail Output, 1.1nV/rtHz, 3.5mA Op Amp Family
|
Linear Technology
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
EL5111 EL5111IWT-T7 EL5111IWT-T7A EL5111IWTZ-T7 EL |
Intersil 60MHz Rail-to-Rail Input-Output Op Amps 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps DUAL OP-AMP, 15000 uV OFFSET-MAX, 32 MHz BAND WIDTH, PDSO8 60MHz Rail-to-Rail Input-Output Op Amps 4 CHANNEL, VIDEO AMPLIFIER, PDSO14
|
INTERSIL[Intersil Corporation] 音频/视频放 Intersil, Corp.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
OP196 OP496 OP496GS OP296 |
Micropower / Rail-to-Rail Input and Output Operational Amplifiers Micropower, Rail-to-Rail Input and Output Operational Amplifiers QUAD OP-AMP, 650 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
AD8551 AD8554 AD8552 |
Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出四运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出双运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出运 零漂移,单电源,轨到轨输输出运算放大器(低漂移,单电源,满幅度输入输出运放)
|
Analog Devices, Inc.
|
TS922 TS922A TS922I 5150 |
From old datasheet system RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|