PART |
Description |
Maker |
GMS90C31 GMS90L32 GMS90C32 GMS90C58 GMS90L31 GMS90 |
8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,256字节RAM,低电 8-Bit CMOS Microcontrollers( 高性价比的51单片,片内无ROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontroller(8位CMOS 微控制器) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,工作电压5V) 8-BIT SINGLE CHIP MICROCONTROLLERS 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,低电
|
Hyundai
|
P89LPC925FDH P89LPC924FDH P89LPC925FN P89LPC925 P8 |
P89LPC924/925; 8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter (P89LPC924 / P89LPC925) 8-bit microcontrollers
|
NXP Semiconductors Philips Semiconductors
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
PIC18F8722 PIC18F6527 PIC18LF6627EPTQTP PIC18LF662 |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
|
Microchip Technology, Inc.
|
SABC165-L25F SABC165-L25FCA SABC165-L25FHA SABC165 |
16-Bit Microcontrollers - 16-Bit microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit microcontroller (20 Mhz)
|
Infineon
|
LPC2157 LPC2158 LPC215709 LPC2157FBD100551 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP100 Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
|
NXP Semiconductors N.V.
|
MC68HC711P2CFS3 MC68HC711P2CFS4 MC68HC11P2BCFN4 |
Microcontrollers 8-BIT, UVPROM, 4 MHz, MICROCONTROLLER, CQCC84 Microcontrollers 8-BIT, MROM, 4 MHz, MICROCONTROLLER, PQCC84
|
Motorola, Inc. Motorola Mobility Holdings, Inc. Linear Technology, Corp.
|
SAK-C167CS-4RMCA-STEP SAK-C167CS-L40MCA-STEP SAK-C |
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (40MHz)
|
Infineon
|
PD78F4225GC PD78F4225GK PD78215GF PD78215GC |
16 Bit General-Purpose Microcontrollers(16通用微控制器) 16 Bit General-Purpose Microcontrollers(16位通用微控制器) 16位通用微控制器16位通用微控制器
|
NEC Corp. NEC, Corp.
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|