PART |
Description |
Maker |
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
AD8667 |
16V, 250 A LOW POWER, LOW NOISE DUAL PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
|
Analog Devices
|
AD860508 AD8605ACBZ-REEL AD8605ACBZ-REEL7 AD8606AC |
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices
|
AD8608AR-REEL AD8608AR-REEL7 AD8608ARU-REEL AD8608 |
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices http://
|
LT1677CS8PBF LT1677IN8 |
Low Noise, Rail-to-Rail Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 120 uV OFFSET-MAX, 6.2 MHz BAND WIDTH, PDSO8 Low Noise, Rail-to-Rail Precision Op Amp
|
Linear Technology, Corp.
|
AD8622 |
Dual, Low Power, Low Noise, Low Bias Current Precision Rail-to-Rail Output Op Amp
|
Analog Devices
|
K4S643232C-TC/L80 K4S643232C-TC/L10 K4S643232C-TC/ |
ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC 200万32内存12k × 32 × 4银行同步DRAM LVTTL Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 8-CDIP -55 to 125 200万32内存12k × 32 × 4银行同步DRAM LVTTL ECONOLINE: RY & RX - Controllable Output- 1kVDC Isolation- No Heatsink Required- UL94V-0 Package Material- Toroidal Magnetics- No External Components- Fully Encapsulated- Efficiency to 70% Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-PDIP -40 to 85 Replaced by TLC2201A : Advanced LinCMOS(TM) Low-Noise Precision Operational Amplifier 8-SOIC -40 to 85 Dual Low-Noise Precision Rail-To-Rail Operational Amplifier 14-SOIC Low Noise Precision Advanced LinCMOS(TM) Single Operational Amplifier 20-LCCC -55 to 125 2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
LT1679 LT1678CS8 LT1679CS LT1678IS8 LT1679IS LT167 |
DUAL/QUAD LOW NOISE, RAIL-TO-RAIL, PRECISION OP AMPS
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology]
|
ADA4610S ADA4610R703F |
Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
|
Analog Devices
|
LTC6242HGN LTC6242HGNTRPBF LTC6242HVHGN LTC6242HVH |
Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amp
|
Linear Technology
|
LTC6242 LTC6241 LTC6241CS8 LTC6241HVCDD LTC6241HVC |
Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
|
LINER[Linear Technology]
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|