PART |
Description |
Maker |
CAT1023ZI-45T3 CAT1023ZD4I-45-GT2 CAT1023ZD4I-30-G |
Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国568位每字举办的串行CMOS
|
Catalyst Semiconductor EEPROM ON Semiconductor NXP Semiconductors N.V.
|
DS2430AV DS2430AP DS2430AT DS2430AX |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 256-Bit 1-Wire EEPROM
|
Toshiba, Corp. Dallas Semiconducotr Dallas Semiconductor
|
93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST |
256 Bit/1K 5.0V CMOS Serial EEPROM 1K 5.0V Microwire Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS24C52-3ZI IS24C52 IS24C52-2G IS24C52-2GI IS24C52 |
2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 From old datasheet system
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
IS24C02B-2PI |
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
24AA128-I/MC 24AA128-E/P 24AA128-E/SM 24AA128-E/ST |
128K I2C CMOS Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS
|
Microchip Technology Inc. Microchip Technology, Inc.
|
HT24LC16 |
CMOS 16K 2-Wire Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc.
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
IS93C66A-2PI IS93C56A-3ZLA3 IS93C66A-3ZLA3 IS93C56 |
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
HT24LC08 |
CMOS 8K 2-Wire Serial EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
Holtek Semiconductor In... HOLTEK[Holtek Semiconductor Inc] Holtek Semiconductor Inc.
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|