PART |
Description |
Maker |
4N37 |
STANDARD THRU HOLE CASE 730A-04
|
Motorola
|
HD10 HD01 HD02 HD08 HD04 HD06 |
TRIAC-400V 25 AMP TRIAC,800V V(DRM),25A I(T)RMS,TO-220 RoHS Compliant: Yes Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:200V; Package/Case:TO-126; Current Rating:4A; Mounting Type:Through Hole Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:25mA; Package/Case:TO-220AB RoHS Compliant: Yes Triac; Package/Case:TO-48; Current, It av:40A; Mounting Type:Through Hole; Repetitive Reverse Voltage Max, Vrrm:400V; Current Rating:40A; Voltage 0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
UPJ2C100MPD UPJ2D100MPD UPJ1E181MPD UPJ1J181MPD UP |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 10uF; Voltage: 160V; Case Size: 10x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 10 uF, THROUGH HOLE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 10 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 180uF; Voltage: 25V; Case Size: 8x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 180 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 180uF; Voltage: 63V; Case Size: 10x31.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 180 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 100uF; Voltage: 63V; Case Size: 10x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 63V; Case Size: 10x20 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 120 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 100uF; Voltage: 35V; Case Size: 8x11.5 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 35V; Case Size: 16x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 35V; Case Size: 8x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 120 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 35V; Case Size: 10x12.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 120 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
EM91420A/B/C/D EM91420AP |
Telephone Dialer Multi-Function Dialer Oscillator; Frequency:25MHz; Frequency Tolerance:100ppm; Load Capacitance:15pF; Supply Voltage:3.3V; Crystal Terminals:Through Hole; Mounting Type:Through Hole; Package/Case: RoHS Compliant: Yes 音频/脉冲开关的拨号器与LCD接口及双音的旋律发电 TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR 音频/脉冲开关的拨号器与LCD接口及双音的旋律发电
|
ELAN Microelctronics Corp . Elan Microelectronics, Corp.
|
293D106X9025C2TE3 |
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT?, Molded Case, Standard Industrial Grade
|
Vishay Siliconix
|
MALIEYH07BA510F02K MALIEYH07BD510H02K MALIEYH07AD5 |
Aluminum Capacitors Standard - 105 °C Snap-in Aluminum Capacitors Standard - 105 掳C Snap-in Aluminum Capacitors Standard - 105 隆?C Snap-in Aluminum Capacitors Standard - 105 ∑C Snap-in CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 6800 uF, THROUGH HOLE MOUNT ROHS COMPLIANT
|
http:// Vishay Siliconix Vishay Intertechnology, Inc.
|
LCA10-10-L |
COPPER LUG-ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCA2-14-Q |
COPPER LUG - ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCA2-38-Q |
COPPER LUG - ONE-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCDX8-14A-L |
COPPER LUG - TWO-HOLE, STANDARD FLEX BARREL
|
PANDUIT CORP.
|
|